Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 49 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 49 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 45Page - Texas Instruments UCD3028RMHT Datasheet HTML 46Page - Texas Instruments UCD3028RMHT Datasheet HTML 47Page - Texas Instruments UCD3028RMHT Datasheet HTML 48Page - Texas Instruments UCD3028RMHT Datasheet HTML 49Page - Texas Instruments UCD3028RMHT Datasheet HTML 50Page - Texas Instruments UCD3028RMHT Datasheet HTML 51Page - Texas Instruments UCD3028RMHT Datasheet HTML 52Page - Texas Instruments UCD3028RMHT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
V
DD
I
BIAS
To ADCMux
Resistorto
SetPMBus
Address
On/OffControl
AD00,
AD01
Pin
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
Figure 17. PMBus Address-Detection Method
Table 6. PMBus Address Bins
ADDRESS
VOLTAGE, V
RESISTOR, k
Ω
12
2.299
209
11
1.815
165
10
1.463
133
9
1.177
107
8
0.953
86.6
7
0.749
68.1
6
0.604
54.9
5
0.486
44.2
4
0.383
34.8
3
0.308
28.0
2
0.249
22.6
1
0.196
17.8
0
0.157
14.3
A low impedance (short) on the address pin may produce a voltage below the minimum voltage. Also, a high
impedance (open) on the address pin may produce a voltage above the maximum voltage. In these cases, the
user may design the system to use a default PMBus address.
FAULT PORTS/GIO
Programmer's Reference Manual: UCD30xx Faults and External Interrupts (GIO) Programmer’s Manual
The general-purpose input/output (GIO) ports are for pins that are not associated with any hardware
communication port. These bidirectional pins can be configured by firmware to set the pin to a 1 or 0 value as an
output signal. Or the bidirectional pins can be read as inputs through memory-map reads for determining the
digital value of the pin. Two of the pins, INT1 and INT2, have additional external interrupt capability. These
interrupts can be configured for either falling- or rising-edge detection. Interrupts can be enabled or disabled and
flags can be monitored for level status.
For naming purposes, all fault input pins are GIO and are typically used in most power-controller applications as
fault-input connections.
TIMERS
Programmer's Reference Manual: UCD30xx Timer Modules Programmer’s Manual
External to the Fusion Digital Power peripherals, there are three different types of timers in UCD30xx. They are
the 24-bit timer, the 16-bit timer, and the watchdog timer.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com