Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 17Page - Texas Instruments UCD3028RMHT Datasheet HTML 18Page - Texas Instruments UCD3028RMHT Datasheet HTML 19Page - Texas Instruments UCD3028RMHT Datasheet HTML 20Page - Texas Instruments UCD3028RMHT Datasheet HTML 21Page - Texas Instruments UCD3028RMHT Datasheet HTML 22Page - Texas Instruments UCD3028RMHT Datasheet HTML 23Page - Texas Instruments UCD3028RMHT Datasheet HTML 24Page - Texas Instruments UCD3028RMHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I33A(1)
V33A = 3.3 V
8
15
I33DIO(1)
V33DIO = 3.3 V
2
10
Supply current
mA
V33D = 3.3 V
40
45
I33D(1)
V33D = 3.3 V, storing configuration
50
55
parameters in flash memory
V33D = 3.3 V, storing configuration
I33
Total supply current
60
80
mA
parameters in flash memory
INTERNAL REGULATOR CONTROLLER INPUTS/OUTPUTS
V33
3.3-V linear regulator
Emitter of NPN transistor
3.25
3.3
3.35
V
V33FB
3.3-V linear regulator feedback
4
4.6
V
I33FB
Series-pass base drive
Vin = 12 V
10
mA
Beta
Series-NPN-pass device
40
BPCAP
1.8-V Regulator Output
V33D = 3.3V, TA = 25C
1.76
1.8
mA
ERROR ADC INPUTS EAPn, EANn
VCM
Common-mode voltage, each pin
–0.15
1.6
V
VERROR
Internal error voltage range
AFE_GAIN field of CLA_GAINS = 0
–256
256
mV
EAP-EAN
Error voltage digital resolution
AFE_GAIN field of CLA_GAINS = 3
1
mV
REA
Input impedance
Ground reference
0.5
M
Ω
IOFFSET
Input offset current
1-k
Ω source impedance
–5
5
μA
VRes_DAC
EADC reference DAC resolution
1.56
mV
Gain = 1, 8 mV/LSB
2
Gain = 2, 4 mV/LSB
2
EADC offset
LSB
Gain = 4, 2 mV/LSB
1
Gain = 8, 1 mV/LSB
2
ANALOG INPUTS
IBIAS
Bias current for PMBus addr. pins
9
11
μA
VADC_RANGE
Measurement range for voltage monitoring
0
2.5
V
VADC_REF_INT
Internal ADC reference voltage
–40°C to 125°C
2.462
2.498
2.523
V
25°C to –40°C
5
Internal ADC reference
ΔV to 25°C
ΔADC_Ref
25°C to 85°C
–10
mV
reference voltage(2)
25°C to 125°C
–20
Internal analog comparator reference
0.6%
ΔADC_Ref_CMP
0°C to 125°C
accuracy
(± 6 mV)
0.5%
EADC DAC reference voltage accuracy
(± 4mV)
VCMP_THRS
Analog comparator threshold voltage range
0.032
2
V
VCMP_RES
Analog comparator threshold resolution
31.25
mV
ADCRef
External reference input(3)
PFC and RGZ package
1.8
V33A
V
TempInternal
Internal temperature-sense accuracy(2)
Over range from –40°C to 125°C
–10(4)
±5
10(4)
°C
INL
ADC integral nonlinearity
–4
4
LSB
DNL
ADC differential nonlinearity
–2
2
LSB
ILeakage
Input leakage current
3 V applied to pin
400
nA
RIN
Input impedance
Ground reference
8
M
Ω
CIN
Input capacitance
10
pF
tADC
ADC single sample time
4.625
μs
(1)
Supply pins should be ramped at a 10-V/s or greater rate for proper device startup.
(2)
Characterized by design and not production tested. Ambient temperature offset value should be used from the Data Flash information
block to meet accuracy.
(3)
For the applied external reference input (ADCRef), the actual internal reference voltage (Vref_internal) seen by the 12-bit ADC module
should be computed using the equation: ADCRef = Vref_internal × 1.05185
(4)
The max/min high/low temperature values are not production tested.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com