| Electronic Components Datasheet Search |
|
UCD3028RMHT Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3028RMHT Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 81 page ![]() t Event2 – Event1) Cycle Adjust A P ± =( DPWM A DPWM B ± Cycle Adjust Negative Dead Time Supported Negative Dead Time Supported 1 2 3 4 t P HR Edges Event1 CLA Value Event2 Event3 Event4 LR Edge Dead Time1 ConstantDelta(Event3 – Event2) Dead Time2 ConstantDelta(Period – Event4+Event1) DPWM Master Start DPWMSlave Outputs UCD3040 UCD3028 UCD3020 www.ti.com SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013 Figure 9. Compensator Phase Mode (Phase-Shift Control) – DPWM Timing Diagram Resonance Mode (Constant-On Duty Ratio With Variable Period) • DPWM B output is slaved and relative to DPWM A. • When the CLA is enabled for closed-loop operation, the event-2 comparison is controlled by the CLA duty- output value. – The CLA value sets the pulse width of DPWM A. • When the CLA is enabled for closed-loop operation, the period is controlled by the CLA period-output value. • The initial settings of event 2 and event 3 (delta) are used for the calculation of the dead time between the falling edge of DPWM A and the rising edge of DPWM B. – So, when the CLA is enabled for closed-loop operation, the calculated delta is used with the CLA duty- output value to place event 3. • The initial settings of period and event 4 (delta) are used for the calculation of the dead time between the falling edge of DPWM B and rising edge of DPWM A. – So, when the CLA is enabled for closed-loop operation, the calculated delta is used with the CLA duty- output value to place event 4. • Events 2, 3, and 4 can be high-resolution edges. • Cycle-adjust A is used for period adjustment by the CPU. Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Links: UCD3040 UCD3028 UCD3020 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |