Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 6 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 2Page - Texas Instruments UCD3028RMHT Datasheet HTML 3Page - Texas Instruments UCD3028RMHT Datasheet HTML 4Page - Texas Instruments UCD3028RMHT Datasheet HTML 5Page - Texas Instruments UCD3028RMHT Datasheet HTML 6Page - Texas Instruments UCD3028RMHT Datasheet HTML 7Page - Texas Instruments UCD3028RMHT Datasheet HTML 8Page - Texas Instruments UCD3028RMHT Datasheet HTML 9Page - Texas Instruments UCD3028RMHT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
UCD3020 48 Pin
EAP2
EAP1
EAN2
EAN1
2
PWR
2
GND
AD-00/PMB_ADDR1
AD-01/PMB_ADDR2
AD-02|COMP1
AD-03|COMP2
AD-04|COMP3
AD-05|COMP4
AD-06
AD-07
AD-08
ADCREFIN/ExtRef
V33FB
GND
BPCAP
Error ADC
Diff
Amp
Ref
–
–
+
+
EA
ADC
6 Bit
Digital
High Res
PWM4
Digital
High Res
PWM2
Digital
High Res
PWM1
GPIO_06/DPWM-4A
GPIO_02/DPWM-2A
GPIO_00/DPWM-1A
GPIO_07/DPWM-4B
GPIO_03/DPWM-2B
GPIO_01/DPWM-1B
GPIO_32/FAULT-4A
GPIO_10/FAULT-2A
GPIO_08/FAULT-1A
GPIO_33/FAULT-4B
GPIO_11/FAULT-2B
GPIO_09/FAULT-1B
ADC
12 Bit
200 ksps
Internal
Temp Sense
AD-02
Ref1
TRIP1
–
–
–
+
+
+
AD-03
AD-04
AD-05
Ref2
Ref3
Ref4
TRIP2
TRIP3
TRIP4
Internal
3.3 V and 1.8 V
Control
Analog Comparators
1.8 V
Regulator
Osc
POR/BOD
Flash
Memory
With ECC
Prog: 32KB
Data: 2KB
RAM: 4KB
ARM7
Based
RISC CPU
PMBus
Device
Support
SPI
SCI
Timer
PWM
GPIO30
PMBUS-CLK
PMBUS-DATA
PMBUS-ALERT
PMBUS-CNTL
TMS/FUNC2
(1)
TRST
TDO/FUNC2
(1)
TDI/FUNC2
(1)
TCK/FUNC2
(1)
GPIO_16/SCI-TX
GPIO_17/SCI-RX
GPIO_18/PWM1
GPIO_19/PWM2
GPIO
RESET
System
Compensator
Compensator
Error ADC
Fusion Digital
Power
Peripheral
3P–3Z
3P–3Z
Coeff Regs
B0376-01
UCD3040
UCD3028
UCD3020
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
www.ti.com
(1)
FUNC2 for the four pins TMS, TDI, TDO, and TCK indicates secondary functions available on these pins. These are
configurable the by IO_FUNC_MODE bits in the I/O Functional Multiplexer Control register (IOMUXCTRL).
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com