Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 31 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 31 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 27Page - Texas Instruments UCD3028RMHT Datasheet HTML 28Page - Texas Instruments UCD3028RMHT Datasheet HTML 29Page - Texas Instruments UCD3028RMHT Datasheet HTML 30Page - Texas Instruments UCD3028RMHT Datasheet HTML 31Page - Texas Instruments UCD3028RMHT Datasheet HTML 32Page - Texas Instruments UCD3028RMHT Datasheet HTML 33Page - Texas Instruments UCD3028RMHT Datasheet HTML 34Page - Texas Instruments UCD3028RMHT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Z
–1
Z
–1
Z
–1
Z
–1
Z
–1
Z
–1
+
–a11/K
–a21/K
b12
–a12
x(n)
b01/K
b11/K
X
X
X
X
X
X
X
+
+
+
+
+
6
y(n)
x(n–1)
y'(n–1)
x'(n–1)
y'(n–2)
y(n–1)
Clamp
Clamp
X
X
10
14
18
10
K
InputScaler
and
Non-Linear Gain
From
EADC
Output
b21/K
X
x(n–2)
X
10
Coeff
Scaler
y'(n)
(=x'(n))
IIR
Control
X
X
Q15-to-Q0
Scaling
ypQ0(n)
yQ0(n)
Max
PRD
PRDor%of
PRD
yQ15(n)
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
Figure 5. Compensator Architecture
The compensator also allows the minimum and maximum duty cycle to be programmed.
Compensator (CLA) Input
The input to the filter is a 6-bit signed number generated by the EADC. This number represents a 2s-complement
value of the power-supply output-voltage error signal (Vref – Vsense). This data value is registered on the
system clock inside the EADC, and a converted data-ready signal is supplied to start the filter operation on this
new data. The error inputs E(n – 1) and E(n – 2) are registered in the 6-bit format to save space. The current
E(n) is not registered inside the filter. The E(n) inputs to the filter can also come from a register that is
programmed by the user software. This happens only when the CPU sample-control bit is enabled. This allows
the CLA to be a math coprocessor for the UCD30xx CPU. The E(n), E(n – 1), and E(n – 2) values can only be
written by the user software by setting the filter-enable bit to 0.
Compensator Input Scaling
The input of the CLA is scaled to retain the physical meaning of the converted data and to implement nonlinear
control. The scaling function does two things. First, it divides the input by 1024, which approximately converts it
back to the millivolts (1/1000 V) scale that was converted. Second, it multiplies the input by a user-programmable
nonlinear gain, and the resulting 10-bit output of the scaler is applied to the filter input. During power-supply
control-loop design, the nominal gain value in the nonlinear gain table and the EADC analog front end (AFE) gain
must be taken into consideration. After the control design, if one of these values (nonlinear gain or AFE gain) is
changed, then the other one must be adjusted accordingly in order to maintain the same product (nonlinear gain
× AFE gain) and hence the same (designed) loop gain for the power supply. The following shows the AFE
control-bit settings, the corresponding AFE gain applied to the input, and the resulting EADC resolution.
Control bits = 0x3
→ 8× AFE gain → EADC resolution = 1mV/lsb
Control bits = 0x2
→ 4× AFE gain → EADC resolution = 2mV/lsb
Control bits = 0x1
→ 2× AFE gain → EADC resolution = 4mV/lsb
Control bits = 0x0
→ 1× AFE gain → EADC resolution = 8mV/lsb
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com