Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 29 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 25Page - Texas Instruments UCD3028RMHT Datasheet HTML 26Page - Texas Instruments UCD3028RMHT Datasheet HTML 27Page - Texas Instruments UCD3028RMHT Datasheet HTML 28Page - Texas Instruments UCD3028RMHT Datasheet HTML 29Page - Texas Instruments UCD3028RMHT Datasheet HTML 30Page - Texas Instruments UCD3028RMHT Datasheet HTML 31Page - Texas Instruments UCD3028RMHT Datasheet HTML 32Page - Texas Instruments UCD3028RMHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
EAPx
EANx
DACVAL
6
Result
800mV
Vrefp
Vrefm
Veadp
Veadm
EAPx
EANx
+
+
+
+
+
EADC DAC
10-Bit
EADC
6-Bit
–
–
–
–
–
G
+
Thermo
-to-
2'sComp
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
PERIPHERALS
Fusion Digital Power Peripherals
At the core of the UCD30xx controller are its four Fusion Digital Power peripherals (FDPP). Each FDPP can be
configured to drive from one to eight DPWM outputs. Each FDPP consists of a differential input error ADC
(EADC), a hardware-accelerated digital three-pole/three-zero (3p/3z) compensator, and a digital PWM module.
Error ADC (EADC) Module
Programmer's Reference Manual: UCD30xx Fusion Digital Power Peripherals Programmer’s Manual
For initialization of the EADC module, see the UCD30xx Fusion Digital Power Peripherals Programmer’s
Manual.
The EADC module within the UCD30xx is shown in Figure 4. It contains a differential input, switch-capacitor filter
circuit for receiving the differential voltage signal (signal being sensed) from external pins EAPx and EANx. It is
compared with an internal 10-bit DAC output in order to measure the error voltage signal. Gain control (G) is
provided in the amplifier for 1-, 2-, 4-, or 8-times amplification of the differential error signal. This error signal is
then summed with an internal reference voltage (800 mV) and compared against this same reference voltage as
input to the EADC module. Thus the error signal input to EADC is:
Error = G × [(Vrefp – Vrefm) – (EAPx – EANx)]
The full-scale of the EADC range is effectively 512 mV (8 mV times 64). Finally, the EADC value is converted
from thermometer code to a 2s-complement value for digital processing.
Figure 4. Error ADC Module
The EADC control logic receives the sample request from the DPWM module for initiating an EADC conversion.
EADC control circuitry captures the EADC 6-bit code and strobes the 3p/3z digital compensator for processing of
the representative error.
Table 3. EADC and DAC Parameters
EADC
Input differential range (EAPx – EANx)
0 V–1.6 V
Common-mode range (EAPx, EANx)
0 V–1.6 V
Input impedance
1.5 M
Ω (typical)
Sampling rate
> 10 Msps
Conversion time
< 100 nS
INL
±2 LSB (max)
DNL
±1 LSB (max)
Gain error
±1 LSB (~1.5% max)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com