Electronic Components Datasheet Search
  English  ▼

X  

UCD3028RMHT Datasheet(PDF) 5 Page - Texas Instruments

Part # UCD3028RMHT
Description  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT Datasheet(HTML) 5 Page - Texas Instruments

  UCD3028RMHT Datasheet HTML 1Page - Texas Instruments UCD3028RMHT Datasheet HTML 2Page - Texas Instruments UCD3028RMHT Datasheet HTML 3Page - Texas Instruments UCD3028RMHT Datasheet HTML 4Page - Texas Instruments UCD3028RMHT Datasheet HTML 5Page - Texas Instruments UCD3028RMHT Datasheet HTML 6Page - Texas Instruments UCD3028RMHT Datasheet HTML 7Page - Texas Instruments UCD3028RMHT Datasheet HTML 8Page - Texas Instruments UCD3028RMHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
UCD3040 64 Pin
4
PWR
5
GND
AD-00/PMB_ADDR1
AD-01/PMB_ADDR2
AD-02|COMP1
AD-03|COMP2
AD-04|COMP3
AD-05|COMP4
AD-08
•
•
•
•
•
•
AD-09
AD-10
V33FB
GND
BPCAP
RESET
TRST
TMS/FUNC2
(1)
TDI/FUNC2
(1)
TDO/FUNC2
(1)
TCK/FUNC2
(1)
RET_CLK
–
+
ADC
12 Bit
200 ksps
Internal
Temp Sense
AD-02
Ref1
TRIP1
–
–
–
+
+
+
AD-03
AD-04
AD-05
Ref2
Ref3
Ref4
TRIP2
TRIP3
TRIP4
Internal
3.3 V and 1.8 V
Control
Device
Support
JTAG
Multiplexed
Sync In/Out
Analog Comparators
1.8 V
Regulator
Osc
POR/BOD
Flash
Memory
With ECC
Prog: 32KB
Data: 2KB
RAM: 4KB
ARM7
Based
RISC CPU
PMBus
UART
System
SPI
Timers
PWM
Watchdog
GPIO_18/PWM1
GPIO_19/PWM2
GPIO_20/PWM3
GPIO_21/PWM4
PMBUS-CLK
PMBUS-DATA
PMBUS-ALERT
PMBUS-CNTL
GPIO_16/SCI-TX
GPIO_17/SCI-RX
Compensator
Compensator
Compensator
Compensator
EAP4
EAN4
Error ADC
3P–3Z
EAP3
EAN3
Error ADC
3P–3Z
EAP2
EAN2
Error ADC
3P–3Z
Digital
High Res
PWM4
Digital
High Res
PWM3
Digital
High Res
PWM2
GPIO_06/DPWM-4A
GPIO_04/DPWM-3A
GPIO_02/DPWM-2A
GPIO_07/DPWM-4B
GPIO_05/DPWM-3B
GPIO_03/DPWM-2B
GPIO_32/FAULT-4A
GPIO_30/FAULT-3A
GPIO_10/FAULT-2A
GPIO_33/FAULT-4B
GPIO_31/FAULT-3B
GPIO_11/FAULT-2B
Error ADC
EAP1
EAN1
Diff
Amp
Ref
–
+
EA
Fusion Digital
Power
Peripheral
ADC
6 Bit
3P–3Z
Coeff Regs
Digital
High Res
PWM1
GPIO_00/DPWM-1A
GPIO_01/DPWM-1B
GPIO_08/FAULT-1A
GPIO_09/FAULT-1B
B0376-03
SPI
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
(1)
FUNC2 for the four pins TMS, TDI, TDO, and TCK indicates secondary functions available on these pins. These are
configurable by the IO_FUNC_MODE bits in the I/O Functional Multiplexer Control register (IOMUXCTRL).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com