Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 155 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 155 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 151Page - Texas Instruments TMS570LS3137 Datasheet HTML 152Page - Texas Instruments TMS570LS3137 Datasheet HTML 153Page - Texas Instruments TMS570LS3137 Datasheet HTML 154Page - Texas Instruments TMS570LS3137 Datasheet HTML 155Page - Texas Instruments TMS570LS3137 Datasheet HTML 156Page - Texas Instruments TMS570LS3137 Datasheet HTML 157Page - Texas Instruments TMS570LS3137 Datasheet HTML 158Page - Texas Instruments TMS570LS3137 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 173 page
background image
1
2
3
RMII_REFCLK
RMII_TXEN
RMII_TXD[1:0]
RMII_RXD[1:0]
RMII_CRS_DV
RMII_RX_ER
6
7
11
9
8
5
4
10
5
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.11.2 Ethernet RMII Electrical and Timing Specifications
Figure 7-20. RMII Timing Diagram
Table 7-30. Timing Requirements for EMAC RMII Receive and RMII_REFCLK
NO.
MIN
NOM
MAX
UNIT
1
tc(REFCLK)
Cycle time, RMII_REFCLK
20
ns
2
tw(REFCLKH)
Pulse width, RMII_REFCLK high
7
13
ns
3
tw(REFCLKL)
Pulse width, RMII_REFCLK low
7
13
ns
6
tsu(RXD-REFCLK)
Input setup time, RMII_RXD[1:0] valid before RMII_REFCLK high
4
ns
7
th(REFCLK-RXD)
Input hold time, RMII_RXD[1:0] valid after RMII_REFCLK high
2
ns
8
tsu(CRSDV-REFCLK) Input setup time, RMII_CRS_DV valid before RMII_REFCLK high
4
ns
9
th(REFCLK-CRSDV)
Input hold time, RMII_CRS_DV valid after RMII_REFCLK high
2
ns
10
tsu(RXER-REFCLK)
Input setup time, RMII_RX_ER valid before RMII_REFCLK high
4
ns
11
th(REFCLK-RXER)
Input hold time, RMII_RX_ER valid after RMII_REFCLK high
2
ns
Table 7-31. Switching Characteristics Over Recommended Operating Conditions for EMAC RMII Transmit
NO.
PARAMETER
MIN
MAX
UNIT
4
td(REFCLK-TXD)
Output delay time, RMII_REFCLK high to RMII_TXD[1:0] valid
2
ns
5
td(REFCLK-TXEN)
Output delay time, RMII_REFCLK high to RMII_TXEN valid
2
ns
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
155
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com