Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments TMS570LS3137 Datasheet HTML 21Page - Texas Instruments TMS570LS3137 Datasheet HTML 22Page - Texas Instruments TMS570LS3137 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
Table 4-14. PGE System Module Interface (continued)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
System reset, warm reset,
bidirectional.
The internal circuitry indicates
any reset condition by driving
nRST low.
The external circuitry can
assert a system reset by
Fixed 100 µA
nRST
116
I/O
Pullup
driving nRST low. To ensure
Pullup
that an external reset is not
arbitrarily generated, TI
recommends that an external
pullup resistor is connected to
this terminal.
This terminal has a glitch
filter. See Section 6.8.
ESM Error Signal
Fixed 20 µA
nERROR
117
I/O
Pulldown
Indicates error of high
Pulldown
severity. See Section 6.18.
4.3.1.13 Clock Inputs and Outputs
Table 4-15. PGE Clock Inputs and Outputs
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
From external
OSCIN
18
Input
crystal/resonator, or external
clock input
N/A
None
KELVIN_GND
19
Input
Kelvin ground for oscillator
OSCOUT
20
Output
To external crystal/resonator
Programmable, 20
External prescaled clock
ECLK
119
I/O
Pulldown
µA
output, or GIO.
GIOA[5]/EXTCLKIN/N2HET1_PIN_nDIS
14
Input
Pulldown
20 µA
External clock input #1
4.3.1.14 Test and Debug Modules Interface
Table 4-16. PGE Test and Debug Modules Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
SIGNAL NAME
144
TYPE
STATE
PGE
Test enable. This terminal
must be connected to ground
TEST
34
I/O
Fixed 100 µA
directly or via a pulldown
Pulldown
Pulldown
resistor.
nTRST
109
Input
JTAG test hardware reset
RTCK
113
Output
N/A
None
JTAG return test clock
Fixed 100 µA
TCK
112
Input
Pulldown
JTAG test clock
Pulldown
Fixed 100 µA
TDI
110
I/O
Pullup
JTAG test data in
Pullup
100 µA
TDO
111
Output
None
JTAG test data out
Pulldown
Fixed 100 µA
TMS
108
I/O
Pullup
JTAG test select
Pullup
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com