Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 26Page - Texas Instruments TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments TMS570LS3137 Datasheet HTML 31Page - Texas Instruments TMS570LS3137 Datasheet HTML 32Page - Texas Instruments TMS570LS3137 Datasheet HTML 33Page - Texas Instruments TMS570LS3137 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
4.3.2.12 External Memory Interface (EMIF)
Table 4-34. External Memory Interface (EMIF)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
EMIF_CKE
L3
Output
None
EMIF Clock Enable
EMIF clock. This is an output
signal in functional mode. It is
Pulldown
gated off by default, so that
EMIF_CLK
K3
I/O
None
the signal is tri-stated.
PINMUX29[8] must be
cleared to enable this output.
ETMDATA[13]/EMIF_nOE
E12
Pulldown
None
EMIF Output Enable
Fixed 20 µA
EMIF_nWAIT
P3
I/O
Pullup
EMIF Extended Wait Signal
Pullup
EMIF_nWE
D17
Output
EMIF Write Enable.
EMIF_nCAS
R4
Output
Pullup
EMIF column address strobe
EMIF_nRAS
R3
Output
EMIF row address strobe
EMIF_nCS[0]/RTP_DATA[15]/N2HET2[7]
N17
Output
Pulldown
EMIF chip select, SDRAM
EMIF_nCS[2]
L17
Output
Pullup
EMIF chip selects,
asynchronous
EMIF_nCS[3]/RTP_DATA[14]/N2HET2[9]
K17
Output
Pulldown
This applies to chip selects 2,
3, and 4
EMIF_nCS[4]/RTP_DATA[7]
M17
Output
Pullup
ETMDATA[15]/EMIF_nDQM[0]
E10
Output
EMIF Data Mask or Write
Strobe.
Data mask for SDRAM
devices, write strobe for
ETMDATA[14]/EMIF_nDQM[1]
E11
Output
connected asynchronous
devices.
EMIF bank address or
ETMDATA[12]/EMIF_BA[0]
E13
Output
address line
EMIF bank address or
EMIF_BA[1]/N2HET2[5]
D16
Output
address line
EMIF_ADDR[0]/N2HET2[1]
D4
Output
EMIF_ADDR[1]/N2HET2[3]
D5
Output
ETMDATA[11]/EMIF_ADDR[2]
E6
Output
ETMDATA[10]/EMIF_ADDR[3]
E7
Output
None
ETMDATA[9]/EMIF_ADDR[4]
E8
Output
Pulldown
ETMDATA[8]/EMIF_ADDR[5]
E9
Output
EMIF_ADDR[6]/RTP_DATA[13]/N2HET2[11]
C4
Output
EMIF_ADDR[7]/RTP_DATA[12]/N2HET2[13]
C5
Output
EMIF_ADDR[8]/RTP_DATA[11]/N2HET2[15]
C6
Output
EMIF_ADDR[9]/RTP_DATA[10]
C7
Output
EMIF_ADDR[10]/RTP_DATA[9]
C8
Output
EMIF address
EMIF_ADDR[11]/RTP_DATA[8]
C9
Output
EMIF_ADDR[12]/RTP_DATA[6]
C10
Output
EMIF_ADDR[13]/RTP_DATA[5]
C11
Output
EMIF_ADDR[14]/RTP_DATA[4]
C12
Output
EMIF_ADDR[15]/RTP_DATA[3]
C13
Output
EMIF_ADDR[16]/RTP_DATA[2]
D14
Output
EMIF_ADDR[17]/RTP_DATA[1]
C14
Output
EMIF_ADDR[18]/RTP_DATA[0]
D15
Output
EMIF_ADDR[19]/RTP_nENA
C15
Output
Pulldown
EMIF_ADDR[20]/RTP_nSYNC
C16
Output
EMIF_ADDR[21]/RTP_CLK
C17
Output
30
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com