| Electronic Components Datasheet Search |
|
TMS570LS3137 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 173 page ![]() TMS570LS3137 SPNS162C – APRIL 2012 – REVISED APRIL 2015 www.ti.com Table 6-20. Device Memory Map (continued) FRAME ADDRESS RANGE RESPONSE FOR ACCESS TO FRAME CHIP FRAME ACTUAL MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE SIZE START END FRAME DCAN3 PS[7] 0xFFF7E000 0xFFF7E1FF 512B 512B Reads: 0, writes: no effect LIN PS[6] 0xFFF7E400 0xFFF7E4FF 256B 256B Reads: 0, writes: no effect SCI PS[6] 0xFFF7E500 0xFFF7E5FF 256B 256B Reads: 0, writes: no effect MibSPI1 PS[2] 0xFFF7F400 0xFFF7F5FF 512B 512B Reads: 0, writes: no effect SPI2 PS[2] 0xFFF7F600 0xFFF7F7FF 512B 512B Reads: 0, writes: no effect MibSPI3 PS[1] 0xFFF7F800 0xFFF7F9FF 512B 512B Reads: 0, writes: no effect SPI4 PS[1] 0xFFF7FA00 0xFFF7FBFF 512B 512B Reads: 0, writes: no effect MibSPI5 PS[0] 0xFFF7FC00 0xFFF7FDFF 512B 512B Reads: 0, writes: no effect SYSTEM MODULES CONTROL REGISTERS AND MEMORIES DMA RAM PPCS0 0xFFF80000 0xFFF80FFF 4KB 4KB Abort Wrap around for accesses to VIM RAM PPCS2 0xFFF82000 0xFFF82FFF 4KB 1KB unimplemented address offsets between 1kB and 4kB. RTP RAM PPCS3 0xFFF83000 0xFFF83FFF 4KB 4KB Abort Flash Module PPCS7 0xFFF87000 0xFFF87FFF 4KB 4KB Abort eFuse Controller PPCS12 0xFFF8C000 0xFFF8CFFF 4KB 4KB Abort Power Management PPSE0 0xFFFF0000 0xFFFF01FF 512B 512B Abort Module (PMM) Test Controller PPSE1 0xFFFF0400 0xFFFF07FF 1KB 1KB Reads: 0, writes: no effect (FMTM) PCR registers PPS0 0xFFFFE000 0xFFFFE0FF 256B 256B Reads: 0, writes: no effect System Module - Frame 2 (see device PPS0 0xFFFFE100 0xFFFFE1FF 256B 256B Reads: 0, writes: no effect TRM) PBIST PPS1 0xFFFFE400 0xFFFFE5FF 512B 512B Reads: 0, writes: no effect Generates address error interrupt, if STC PPS1 0xFFFFE600 0xFFFFE6FF 256B 256B enabled IOMM Multiplexing PPS2 0xFFFFEA00 0xFFFFEBFF 512B 512B Reads: 0, writes: no effect Control Module DCC1 PPS3 0xFFFFEC00 0xFFFFECFF 256B 256B Reads: 0, writes: no effect DMA PPS4 0xFFFFF000 0xFFFFF3FF 1KB 1KB Reads: 0, writes: no effect DCC2 PPS5 0xFFFFF400 0xFFFFF4FF 256B 256B Reads: 0, writes: no effect ESM PPS5 0xFFFFF500 0xFFFFF5FF 256B 256B Reads: 0, writes: no effect CCMR4 PPS5 0xFFFFF600 0xFFFFF6FF 256B 256B Reads: 0, writes: no effect DMM PPS5 0xFFFFF700 0xFFFFF7FF 256B 256B Reads: 0, writes: no effect RAM ECC even PPS6 0xFFFFF800 0xFFFFF8FF 256B 256B Reads: 0, writes: no effect RAM ECC odd PPS6 0xFFFFF900 0xFFFFF9FF 256B 256B Reads: 0, writes: no effect RTP PPS6 0xFFFFFA00 0xFFFFFAFF 256B 256B Reads: 0, writes: no effect RTI + DWWD PPS7 0xFFFFFC00 0xFFFFFCFF 256B 256B Reads: 0, writes: no effect VIM Parity PPS7 0xFFFFFD00 0xFFFFFDFF 256B 256B Reads: 0, writes: no effect VIM PPS7 0xFFFFFE00 0xFFFFFEFF 256B 256B Reads: 0, writes: no effect System Module - Frame 1 (see device PPS7 0xFFFFFF00 0xFFFFFFFF 256B 256B Reads: 0, writes: no effect TRM) 74 System Information and Electrical Specifications Copyright © 2012–2015, Texas Instruments Incorporated Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |