Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 13Page - Texas Instruments TMS570LS3137 Datasheet HTML 14Page - Texas Instruments TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments TMS570LS3137 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
4.3.1.10 Multibuffered Serial Peripheral Interface Modules (MibSPI)
Table 4-10. PGE Multibuffered Serial Peripheral Interface Modules (MibSPI)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
MIBSPI1CLK
95
MibSPI1 clock, or GPIO
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
105
Programmable,
Pullup
20 µA
MIBSPI1NCS[1]/N2HET1[17]/MII_COL
130
MibSPI1 chip select, or GPIO
MIBSPI1NCS[2]/N2HET1[19]/MDIO
40
N2HET1[15]/MIBSPI1NCS[4]
41
Programmable,
Pulldown
MibSPI1 chip select, or GPIO
20 µA
N2HET1[24]/MIBSPI1NCS[5]/MII_RXD[0]/RMII_RXD[0]
91
I/O
MIBSPI1NENA/N2HET1[23]/MII_RXD[2]
96
MibSPI1 enable, or GPIO
Programmable,
Pullup
20 µA
MIBSPI1SIMO[0]
93
MibSPI1 slave-in master-out, or GPIO
Programmable,
N2HET1[8]/MIBSPI1SIMO[1]/MII_TXD[3]
106
Pulldown
MibSPI1 slave-in master-out, or GPIO
20 µA
MIBSPI1SOMI[0]
94
Programmable,
Pullup
MibSPI1 slave-out master-in, or GPIO
20 µA
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
105
MIBSPI3CLK
53
MibSPI3 clock, or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
55
Programmable,
MIBSPI3NCS[1]/N2HET1[25]/MDCLK
37
Pullup
20 µA
MibSPI3 chip select, or GPIO
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
4
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
3
I/O
Programmable,
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]
6
Pulldown
MibSPI3 chip select, or GPIO
20 µA
MIBSPI3NENA /MIBSPI3NCS[5]/N2HET1[31]
54
MibSPI3 chip select, or GPIO
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]
54
MibSPI3 enable, or GPIO
Programmable,
Pullup
20 µA
MIBSPI3SIMO[0]
52
MibSPI3 slave-in master-out, or GPIO
MIBSPI3SOMI[0]
51
MibSPI3 slave-out master-in, or GPIO
MIBSPI5CLK/MII_TXEN/RMII_TXEN
100
MibSPI5 clock, or GPIO
MIBSPI5NCS[0]
32
MibSPI5 chip select, or GPIO
Programmable,
MIBSPI5NENA/MII_RXD[3]
97
I/O
Pullup
MibSPI5 enable, or GPIO
20 µA
MIBSPI5SIMO[0]/MII_TXD[1]/RMII_TXD[1]
99
MibSPI5 slave-in master-out, or GPIO
MIBSPI5SOMI[0]/MII_TXD[0]/RMII_TXD[0]
98
MibSPI5 slave-out master-in, or GPIO
4.3.1.11 Ethernet Controller
Table 4-11. PGE Ethernet Controller: MDIO Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
Programmable,
MIBSPI3NCS[1]/N2HET1[25]/MDCLK
37
Output
Pullup
Serial clock output
20 µA
Fixed 20 µA
MIBSPI1NCS[2]/N2HET1[19]/MDIO
40
I/O
Pullup
Serial data input/output
Pullup
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com