Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 12Page - Texas Instruments TMS570LS3137 Datasheet HTML 13Page - Texas Instruments TMS570LS3137 Datasheet HTML 14Page - Texas Instruments TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
4.3.1.5
Controller Area Network Controllers (DCANs)
Table 4-5. PGE Controller Area Network Controllers (DCAN)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
CAN1RX
90
CAN1 receive, or GPIO
CAN1TX
89
CAN1 transmit, or GPIO
CAN2RX
129
CAN2 receive, or GPIO
Programmable,
I/O
Pullup
20 µA
CAN2TX
128
CAN2 transmit, or GPIO
CAN3RX
12
CAN3 receive, or GPIO
CAN3TX
13
CAN3 transmit, or GPIO
4.3.1.6
Local Interconnect Network Interface Module (LIN)
Table 4-6. PGE Local Interconnect Network Interface Module (LIN)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
LINRX
131
LIN receive, or GPIO
Programmable,
I/O
Pullup
20 µA
LINTX
132
LIN transmit, or GPIO
4.3.1.7
Standard Serial Communication Interface (SCI)
Table 4-7. PGE Standard Serial Communication Interface (SCI)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
N2HET1[6]/SCIRX
38
SCI receive, or GPIO
Programmable,
I/O
Pulldown
20 µA
N2HET1[13]/SCITX
39
SCI transmit, or GPIO
4.3.1.8
Inter-Integrated Circuit Interface Module (I2C)
Table 4-8. PGE Inter-Integrated Circuit Interface Module (I2C)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
4
I2C serial data, or GPIO
Programmable,
I/O
Pullup
20 µA
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
3
I2C serial clock, or GPIO
4.3.1.9
Standard Serial Peripheral Interface (SPI)
Table 4-9. PGE Standard Serial Peripheral Interface (SPI)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
N2HET1[0]/SPI4CLK
25
SPI4 clock, or GPIO
N2HET1[3]/SPI4NCS[0]/N2HET2[10]
24
SPI4 chip select, or GPIO
N2HET1[1]/SPI4NENA/N2HET2[8]
23
SPI4 enable, or GPIO
Programmable,
I/O
Pulldown
20 µA
SPI4 slave-input master-
N2HET1[2]/SPI4SIMO[0]
30
output, or GPIO
SPI4 slave-output master-
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]
31
input, or GPIO
16
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com