Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments TMS570LS3137 Datasheet HTML 48Page - Texas Instruments TMS570LS3137 Datasheet HTML 49Page - Texas Instruments TMS570LS3137 Datasheet HTML 50Page - Texas Instruments TMS570LS3137 Datasheet HTML 51Page - Texas Instruments TMS570LS3137 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 173 page
background image
VCCIO
VIH
VIH
VIL
0
Input
tpw
VIL
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
5.11 Input Timings
Figure 5-2. TTL-Level Inputs
Table 5-6. Timing Requirements for Inputs(1)
MIN
MAX
UNIT
tpw
Input minimum pulse width
tc(VCLK) + 10
(2)
ns
(1)
tc(VCLK) = peripheral VBUS clock cycle time = 1 / f(VCLK)
(2)
The timing shown in Figure 5-2 is only valid for pins used in GPIO mode.
5.12 Output Timings
Table 5-7. Switching Characteristics for Output Timings versus Load Capacitance (CL)
PARAMETER
MIN
MAX
UNIT
CL = 15 pF
2.5
CL = 50 pF
4
Rise time, tr
ns
CL = 100 pF
7.2
CL = 150 pF
12.5
8 mA low EMI pins
(see Table 5-4)
CL = 15 pF
2.5
CL = 50 pF
4
Fall time, tf
ns
CL = 100 pF
7.2
CL = 150 pF
12.5
CL = 15 pF
5.6
CL = 50 pF
10.4
Rise time, tr
ns
CL = 100 pF
16.8
CL = 150 pF
23.2
4 mA low EMI pins
(see Table 5-4)
CL = 15 pF
5.6
CL= 50 pF
10.4
Fall time, tf
ns
CL = 100 pF
16.8
CL = 150 pF
23.2
2 mA-z low EMI pins
CL = 15 pF
8
(see Table 5-4)
CL = 50 pF
15
Rise time, tr
ns
CL = 100 pF
23
CL = 150 pF
33
CL = 15 pF
8
CL = 50 pF
15
Fall time, tf
ns
CL = 100 pF
23
CL = 150 pF
33
48
Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com