Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 39Page - Texas Instruments TMS570LS3137 Datasheet HTML 40Page - Texas Instruments TMS570LS3137 Datasheet HTML 41Page - Texas Instruments TMS570LS3137 Datasheet HTML 42Page - Texas Instruments TMS570LS3137 Datasheet HTML 43Page - Texas Instruments TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 173 page
background image
Address Wait States
Data Wait States
RAM
Address Wait States
Data Wait States
Flash
0MHz
0MHz
0MHz
0MHz
100MHz
0
1
3
0
0
0
150MHz
2
150MHz
1
f
HCLK(max)
50MHz
f
HCLK(max)
f
HCLK(max)
f
HCLK(max)
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
5.5
Switching Characteristics for Clock Domains
Over Recommended Operating Conditions
Table 5-1. Clock Domain Timing Specifications
PARAMET
DESCRIPTION
CONDITIONS
MIN
MAX
UNIT
ER
Pipeline mode enabled
160
PGE
Pipeline mode disabled
50
fHCLK
HCLK - System clock frequency
MHz
Pipeline mode enabled
180
ZWT
Pipeline mode disabled
50
fGCLK
GCLK - CPU clock frequency
fHCLK
MHz
fVCLK
VCLK - Primary peripheral clock frequency
100
MHz
VCLK2 - Secondary peripheral clock
fVCLK2
100
MHz
frequency
VCLK3 - Secondary peripheral clock
fVCLK3
100
MHz
frequency
VCLKA1 - Primary asynchronous peripheral
fVCLKA1
100
MHz
clock frequency
VCLKA2 - Secondary asynchronous
fVCLKA2
100
MHz
peripheral clock frequency
VCLKA4 - Secondary asynchronous
fVCLKA4
50
MHz
peripheral clock frequency
fRTICLK
RTICLK - clock frequency
fVCLK
MHz
5.6
Wait States Required
Figure 5-1. Wait States Scheme
As shown in Figure 5-1, the TCM RAM can support program and data fetches at full CPU speed without any
address or data wait states required.
The TCM flash can support zero address and data wait states up to a CPU speed of 50 MHz in nonpipelined
mode. The flash supports a maximum CPU clock speed of 160 MHz in pipelined mode for the PGE Package and
180 MHz for the ZWT package, with one address wait state and three data wait states.
The flash wrapper defaults to nonpipelined mode with zero address wait state and one random-read data wait
state.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
43
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com