Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 41Page - Texas Instruments TMS570LS3137 Datasheet HTML 42Page - Texas Instruments TMS570LS3137 Datasheet HTML 43Page - Texas Instruments TMS570LS3137 Datasheet HTML 44Page - Texas Instruments TMS570LS3137 Datasheet HTML 45Page - Texas Instruments TMS570LS3137 Datasheet HTML 46Page - Texas Instruments TMS570LS3137 Datasheet HTML 47Page - Texas Instruments TMS570LS3137 Datasheet HTML 48Page - Texas Instruments TMS570LS3137 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
5.8
Input/Output Electrical Characteristics
(1)
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All inputs except
FRAYRX1,
180
FRAYRX2
Vhys
Input hysteresis
mV
FRAYRX1,
100
FRAYRX2
All inputs(2) (except
FRAYRX1,
–0.3
0.8
FRAYRX2)
VIL
Low-level input voltage
V
FRAYRX1,
0.4 VCCIO
FRAYRX2
All inputs(2) (except
FRAYRX1,
2
VCCIO + 0.3
FRAYRX2)
VIH
High-level input voltage
V
FRAYRX1,
0.6 VCCIO
FRAYRX2
IOL = IOLmax
0.2 VCCIO
IOL = 50 µA, standard
0.2
output mode
VOL
Low-level output voltage
V
IOL = 50 µA, low-EMI
output mode (see
0.2 VCCIO
Section 5.13)
IOH = IOHmax
0.8 VCCIO
IOH = 50 µA, standard
VCCIO – 0.3
output mode
VOH
High-level output voltage
V
IOH = 50 µA, low-EMI
output mode (see
0.8 VCCIO
Section 5.13)
VI < VSSIO - 0.3 or VI >
IIK
Input clamp current (I/O pins)
–3.5
3.5
mA
VCCIO + 0.3
IIH Pulldown 20 µA
VI = VCCIO
5
40
IIH Pulldown 100 µA
VI = VCCIO
40
195
II
Input current (I/O pins)
IIL Pullup 20 µA
VI = VSS
–40
–5
µA
IIL Pullup 100 µA
VI = VSS
–195
–40
All other pins
No pullup or pulldown
–1
1
CI
Input capacitance
2
pF
CO
Output capacitance
3
pF
(1)
Source currents (out of the device) are negative while sink currents (into the device) are positive.
(2)
This does not apply to the nPORRST pin.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com