Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 98Page - Texas Instruments TMS570LS3137 Datasheet HTML 99Page - Texas Instruments TMS570LS3137 Datasheet HTML 100Page - Texas Instruments TMS570LS3137 Datasheet HTML 101Page - Texas Instruments TMS570LS3137 Datasheet HTML 102Page - Texas Instruments TMS570LS3137 Datasheet HTML 103Page - Texas Instruments TMS570LS3137 Datasheet HTML 104Page - Texas Instruments TMS570LS3137 Datasheet HTML 105Page - Texas Instruments TMS570LS3137 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 173 page
background image
TMS570LS3137
SPNS162C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
6.19 Reset / Abort / Error Sources
Table 6-36. Reset/Abort/Error Sources
ESM HOOKUP
ERROR SOURCE
SYSTEM MODE
ERROR RESPONSE
group.channel
CPU TRANSACTIONS
Precise write error (NCNB/Strongly Ordered)
User/Privilege
Precise Abort (CPU)
n/a
Precise read error (NCB/Device or Normal)
User/Privilege
Precise Abort (CPU)
n/a
Imprecise write error (NCB/Device or Normal)
User/Privilege
Imprecise Abort (CPU)
n/a
Undefined Instruction Trap
Illegal instruction
User/Privilege
n/a
(CPU)(1)
MPU access violation
User/Privilege
Abort (CPU)
n/a
SRAM
B0 TCM (even) ECC single error (correctable)
User/Privilege
ESM
1.26
Abort (CPU), ESM =>
B0 TCM (even) ECC double error (noncorrectable)
User/Privilege
3.3
nERROR
B0 TCM (even) uncorrectable error (for example, redundant
User/Privilege
ESM => NMI => nERROR
2.6
address decode)
B0 TCM (even) address bus parity error
User/Privilege
ESM => NMI => nERROR
2.10
B1 TCM (odd) ECC single error (correctable)
User/Privilege
ESM
1.28
Abort (CPU), ESM =>
B1 TCM (odd) ECC double error (noncorrectable)
User/Privilege
3.5
nERROR
B1 TCM (odd) uncorrectable error (for example, redundant
User/Privilege
ESM => NMI => nERROR
2.8
address decode)
B1 TCM (odd) address bus parity error
User/Privilege
ESM => NMI => nERROR
2.12
FLASH
FMC correctable error - Bus1 and Bus2 interfaces (does not
User/Privilege
ESM
1.6
include accesses to EEPROM bank)
FMC uncorrectable error - Bus1 accesses
Abort (CPU), ESM =>
User/Privilege
3.7
(does not include address parity error)
nERROR
FMC uncorrectable error - Bus2 accesses
(does not include address parity error and EEPROM bank
User/Privilege
ESM => nERROR
3.7
accesses)
FMC uncorrectable error - address parity error on Bus1
User/Privilege
ESM => NMI => nERROR
2.4
accesses
FMC correctable error - Accesses to EEPROM bank
User/Privilege
ESM
1.35
FMC uncorrectable error - Accesses to EEPROM bank
User/Privilege
ESM
1.36
DMA TRANSACTIONS
External imprecise error on read (Illegal transaction with ok
User/Privilege
ESM
1.5
response)
External imprecise error on write (Illegal transaction with ok
User/Privilege
ESM
1.13
response)
Memory access permission violation
User/Privilege
ESM
1.2
Memory parity error
User/Privilege
ESM
1.3
DMM TRANSACTIONS
External imprecise error on read (Illegal transaction with ok
User/Privilege
ESM
1.5
response)
External imprecise error on write (Illegal transaction with ok
User/Privilege
ESM
1.13
response)
HTU1
NCNB (Strongly Ordered) transaction with slave error response
User/Privilege
Interrupt => VIM
n/a
External imprecise error (Illegal transaction with ok response)
User/Privilege
Interrupt => VIM
n/a
Memory access permission violation
User/Privilege
ESM
1.9
(1)
The Undefined Instruction TRAP is NOT detectable outside the CPU. The trap is taken only if the instruction reaches the execute stage
of the CPU.
102
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com