Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS3137 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 117Page - Texas Instruments TMS570LS3137 Datasheet HTML 118Page - Texas Instruments TMS570LS3137 Datasheet HTML 119Page - Texas Instruments TMS570LS3137 Datasheet HTML 120Page - Texas Instruments TMS570LS3137 Datasheet HTML 121Page - Texas Instruments TMS570LS3137 Datasheet HTML 122Page - Texas Instruments TMS570LS3137 Datasheet HTML 123Page - Texas Instruments TMS570LS3137 Datasheet HTML 124Page - Texas Instruments TMS570LS3137 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 173 page
background image
TMS570LS3137
www.ti.com
SPNS162C – APRIL 2012 – REVISED APRIL 2015
7.2.3
ADC Electrical and Timing Specifications
Table 7-7. MibADC Recommended Operating Conditions
PARAMETER
MIN
MAX
UNIT
ADREFHI
A-to-D high-voltage reference source
ADREFLO
VCCAD
(1)
V
ADREFLO
A-to-D low-voltage reference source
VSSAD
(1)
ADREFHI
V
VAI
Analog input voltage
ADREFLO
ADREFHI
V
Analog input clamp current(2)
IAIK
- 2
2
mA
(VAI < VSSAD – 0.3 or VAI > VCCAD + 0.3)
(1)
For VCCAD and VSSAD recommended operating conditions, see Section 5.4.
(2)
Input currents into any ADC input channel outside the specified limits could affect conversion results of other channels.
Table 7-8. MibADC Electrical Characteristics Over Full Ranges of Recommended Operating Conditions
PARAMETER
DESCRIPTION/CONDITIONS
MIN
MAX
UNIT
Analog input mux on-
Rmux
See Figure 7-1
250
Ω
resistance
ADC sample switch on-
Rsamp
See Figure 7-1
250
Ω
resistance
Cmux
Input mux capacitance
See Figure 7-1
16
pF
Csamp
ADC sample capacitance
See Figure 7-1
13
pF
VSSAD ≤ VIN < VSSAD + 100 mV
–300
200
Analog off-state input leakage
VCCAD = 3.6 V
IAIL
VSSAD + 100 mV ≤ VIN ≤ VCCAD - 200 mV
–200
200
nA
current
maximum
VCCAD - 200 mV < VIN ≤ VCCAD
–200
500
VSSAD ≤ VIN < VSSAD + 300 mV
–1000
250
Analog off-state input leakage
VCCAD = 5.5 V
IAIL
VSSAD + 300 mV ≤ VIN ≤ VCCAD - 300 mV
–250
250
nA
current
maximum
VCCAD - 300 mV < VIN ≤ VCCAD
–250
1000
VSSAD ≤ VIN < VSSAD + 100 mV
–8
2
ADC1 Analog on-state input
VCCAD = 3.6 V
IAOSB1
(1)
VSSAD + 100 mV < VIN < VCCAD - 200 mV
–4
2
µA
bias current
maximum
VCCAD - 200 mV < VIN < VCCAD
–4
12
VSSAD ≤ VIN < VSSAD + 100 mV
–7
2
ADC2 Analog on-state input
VCCAD = 3.6 V
IAOSB2
(1)
VSSAD + 100 mV ≤ VIN ≤ VCCAD - 200 mV
–4
2
µA
bias current
maximum
VCCAD - 200 mV < VIN ≤ VCCAD
–4
10
VSSAD ≤ VIN < VSSAD + 300 mV
–10
3
ADC1 Analog on-state input
VCCAD = 5.5 V
IAOSB1
(1)
VSSAD + 300 mV ≤ VIN ≤ VCCAD - 300 mV
–5
3
µA
bias current
maximum
VCCAD - 300 mV < VIN ≤ VCCAD
–5
14
VSSAD ≤ VIN < VSSAD + 300 mV
–8
3
ADC2 Analog on-state input
VCCAD = 5.5 V
IAOSB2
(1)
VSSAD + 300 mV ≤ VIN ≤ VCCAD - 300 mV
–5
3
µA
bias current
maximum
VCCAD - 300 mV < VIN ≤ VCCAD
–5
12
IADREFHI
ADREFHI input current
ADREFHI = VCCAD, ADREFLO = VSSAD
3
mA
Normal operating mode
15
mA
ICCAD
Static supply current
ADC core in power down mode
5
µA
(1)
If a shared channel is being converted by both ADC converters at the same time, the on-state leakage is equal to IAOSL1 + IAOSL2
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
121
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com