Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M38227ECFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
4
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
PIN DESCRIPTION
Table 1 Pin description (1)
VCC, VSS
Function
Pin
Name
Function except a port function
•LCD segment output pins
Power source
•Apply voltage of power source to VCC, and 0 V to VSS. (For the limits of VCC, refer to “Recom-
mended operating conditions”).
VREF
AVSS
RESET
XIN
XOUT
VL1–VL3
COM0–COM3
SEG0–SEG11
P00/SEG16–
P07/SEG23
P10/SEG24–
P17/SEG31
P20 – P27
P34/SEG12 –
P37/SEG15
Analog refer-
ence voltage
Analog power
source
Reset input
Clock input
Clock output
LCD power
source
Common output
Segment output
I/O port P0
I/O port P1
I/O port P2
•Reference voltage input pin for A-D converter.
•GND input pin for A-D converter.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the main clock generating circuit.
•Feedback resistor is built in between XIN pin and XOUT pin.
•Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
•This clock is used as the oscillating source of system clock.
•Input 0
≤ VL1 ≤ VL2 ≤ VL3 ≤ VCC voltage.
•Input 0 – VL3 voltage to LCD.
•LCD common output pins.
•COM2 and COM3 are not used at 1/2 duty ratio.
•COM3 is not used at 1/3 duty ratio.
•LCD segment output pins.
•8-bit output port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each port to be individually
programmed as either input or output.
•Pull-down control is enabled.
•8-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•Pull-up control is enabled.
•4-bit input port.
•CMOS compatible input level.
•Pull-down control is enabled.
•Key input (key-on wake-up) interrupt
input pins
•LCD segment output pins
Input port P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com