Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
24
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
Key Input Interrupt (Key-on wake-up)
A Key-on wake-up interrupt request is generated by applying a
falling edge to any pin of port P2 that have been set to input mode.
In other words, it is generated when AND of input level goes from
“1” to “0”. An example of using a key input interrupt is shown in
Figure 20, where an interrupt request is generated by pressing
one of the keys consisted as an active-low key matrix which inputs
to ports P20–P23.
Fig. 20 Connection example when using key input interrupt and port P2 block diagram
Port PXX
“L” level output
Port P27
direction register = “1”
P27 output
P26 output
PULL register A bit 2 = “1”
P25 output
P24 output
P23 input
Port P26
latch
Port P25
latch
Port P24
latch
Port P23
latch
Port P27
latch
Port P25
direction register = “1”
Port P24
direction register = “1”
Port P23
direction register = “0”
P22 input
P21 input
P20 input
Port P22
latch
Port P21
latch
Port P20
latch
Port P22
direction register = “0”
Port P21
direction register = “0”
Port P20
direction register = “0”
Port P2
Input reading circuit
✽ P-channel transistor for pull-up
✽✽ CMOS output buffer
Key input interrupt request
Port P26
direction register = “1”
✽
✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com