Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
27
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
Timer Y
Timer Y is a 16-bit timer that can be selected in one of four modes.
(1) Timer Mode
The timer counts f(XIN)/16 (or f(XCIN)/16 in low-speed mode).
(2) Period Measurement Mode
CNTR1 interrupt request is generated at rising/falling edge of
CNTR1 pin input signal. Simultaneously, the value in timer Y latch
is reloaded in timer Y and timer Y continues counting down. Ex-
cept for the above-mentioned, the operation in period
measurement mode is the same as in timer mode.
The timer value just before the reloading at rising/falling of CNTR1
pin input signal is retained until the timer Y is read once after the
reload.
The rising/falling timing of CNTR1 pin input signal is found by
CNTR1 interrupt. When using a timer in this mode, set the corre-
sponding port P55 direction register to input mode.
(3) Event Counter Mode
The timer counts signals input through the CNTR1 pin.
Except for this, the operation in event counter mode is the same
as in timer mode. When using a timer in this mode, set the corre-
sponding port P55 direction register to input mode.
(4) Pulse Width HL Continuously Measurement
Mode
CNTR1 interrupt request is generated at both rising and falling
edges of CNTR1 pin input signal. Except for this, the operation in
pulse width HL continuously measurement mode is the same as in
period measurement mode. When using a timer in this mode, set
the corresponding port P55 direction register to input mode.
sNote on CNTR1 interrupt active edge selection
CNTR1 interrupt active edge depends on the CNTR1 active edge
switch bit. However, in pulse width HL continuously measurement
mode, CNTR1 interrupt request is generated at both rising and
falling edges of CNTR1 pin input signal regardless of the setting of
CNTR1 active edge switch bit.
Fig. 23 Structure of timer Y mode register
Timer Y mode register
(TYM : address 002816)
b7
b0
Not used (return “0” when read)
Timer Y operating mode bits
b5 b4
0
0 : Timer mode
0
1 : Period measurement mode
1
0 : Event counter mode
1
1 : Pulse width HL continuously measurement
mode
CNTR1 active edge switch bit
0 : Count at rising edge in event counter mode
Measure the falling edge to falling edge
period in period measurement mode
Falling edge active for CNTR1 interrupt
1 : Count at falling edge in event counter mode
Measure the rising edge period in period
measurement mode
Rising edge active for CNTR1 interrupt
Timer Y stop control bit
0 : Count start
1 : Count stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com