Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
21
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
Fig. 17 Port block diagram (3)
VL2/VL3
VL1/VSS
(13) Port P56
Data bus
Direction register
Port latch
Pul-up control
TOUT output control bit
Timer output
(14) Port P6
Data bus
Direction register
Port latch
Pull-up control
A-D conversion input
Analog input pin selection bit
(15) Port P70
Data bus
Direction register
Port latch
Port XC switch bit + Pull-up control
Port XC switch bit
Oscillation circuit
Port P71
Port XC switch bit
(16) Port P71
Data bus
Direction register
Port latch
Port XC switch bit
Port XC switch bit + Pull-up control
Sub-clock generating circuit input
VL3
VL2
VL1
(17) COM0–COM3
(18) SEG0–SEG11
The gate input signal of each transistor is
controlled by the LCD duty ratio and the
bias value.
The voltage applied to the sources of
P-channel and N-channel transistors
is the controlled voltage by the bias
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com