Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 55 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 55 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 59Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
55
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17, P20–P27 (Note 1)
P41–P47, P50–P57, P60–P67, P70, P71 (Note 1)
P00–P07, P10–P17 (Note 2)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
P00–P07, P10–P17 (Note 2)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
P00–P07, P10–P17 (Note 3)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 3)
P00–P07, P10–P17 (Note 3)
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 3)
–40
–40
40
40
–20
–20
20
20
–2
–5
Table 27 Recommended operating conditions (Extended operating temperature version)
(VCC = 2.0 to 5.5 V, Ta = –20 to 85 °C, and VCC = 3.0 to 5.5 V, Ta = –40 to –20° C, unless otherwise noted)
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value mesured
over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: When the oscillation frequency has a duty cycle of 50 %.
5: When using the microcomputer in low-speed mode, make sure that the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
“H” total peak output current
“H” total peak output current
“L” total peak output current
“L” total peak output current
“H” total average output current
“H” total average output current
“L” total average output current
“L” total average output current
“H” peak output current
“H” peak output current
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Unit
Typ.
Max.
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
5
10
–1.0
–2.5
mA
mA
mA
mA
mA
mA
“L” peak output current
“L” peak output current
2.5
5.0
4.0
VCC
8.0
2✕VCC
8.0
50
“H” average output current
“H” average output current
“L” average output current
“L” average output current
Input frequency for timers X and Y
(duty cycle 50%)
IOL(avg)
f(CNTR0)
f(CNTR1)
MHz
MHz
MHz
MHz
MHz
kHz
(4.0 V
≤ VCC ≤ 5.5 V)
(2.0 V
≤ VCC ≤ 4.0 V)
32.768
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(2.0 V
≤ VCC ≤ 4.0 V)
Middle-speed mode
Main clock input oscillation frequency
(Note 4)
Sub-clock input oscillation frequency (Notes 4, 5)
f(XIN)
f(XCIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com