Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
(EXTENDED OPERATING TEMPERATURE
VERSION)
Mitsubishi plans to expand the 3822 group (extended operating
temperature version) as follows:
Memory Type
Support for Mask ROM version.
Memory Size
ROM size ........................................................................ 48 K bytes
RAM size ....................................................................... 1024 bytes
Package
80P6N-A .................................... 0.8 mm-pitch plastic molded QFP
Currently products are listed below.
Memory Expansion Plan
Remarks
Package
Product
As of August 2000
RAM size (bytes)
49152(49022)
ROM size (bytes)
ROM size for User in (
)
Fig. 6 Memory expansion plan for extended operating temperature version
Table 4 List of products for extended operating temperature version
M38227MCDXXXFP
1024
80P6N-A
Mask ROM version
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512640
768
896
1024
192
RAM size (bytes)
ROM size (bytes)
48K
Mass product
M38227MCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com