Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 47 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 47 Page - Mitsubishi Electric Semiconductor

Back Button M38227ECFS Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 51Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
47
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3822 Group
MITSUBISHI MICROCOMPUTERS
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
1.Mask ROM Order Confirmation Form✽
2.Mark Specification Form✽
3.Data to be written to ROM, in EPROM form (three identical cop-
ies) or one floppy disk
✽For the mask ROM confirmation and the mark specifications, re-
fer to the “Mitsubishi MCU Technical Information” Homepage
(http://www.infomicom.mesc.co.jp/).
ROM PROGRAMMING METHOD
The built-in PROM of the blank One Time PROM version and built-
in EPROM version can be read or programmed with a general-
purpose PROM programmer using a special programming
adapter. Set the address of PROM programmer in the user ROM
area.
Table 14 Programming adapter
The PROM of the blank One Time PROM version is not tested or
screened in the assembly process and following processes. To en-
sure proper operation after programming, the procedure shown in
Figure 46 is recommended to verify programming.
Fig. 46 Programming and testing of One Time PROM version
Package
80P6N-A
80P6S-A
80P6Q-A
80D0
Name of Programming Adapter
PCA4738F-80A
PCA4738G-80A
PCA4738H-80A
PCA4738L-80A
Programming with PROM
programmer
Screening (Caution)
(150
°C for 40 hours)
Verification with
PROM programmer
Functional check in
target device
The screening temperature is far higher
than the storage temperature. Never
expose to 150
°C exceeding 100 hours.
Caution :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com