Electronic Components Datasheet Search
  English  ▼

X  

M38227ECFS Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38227ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38227ECFS Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38227ECFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38227ECFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
DESCRIPTION
The 3822 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3822 group has the LCD drive control circuit, an 8-channel
A-D converter, and a serial I/O as additional functions.
The various microcomputers in the 3822 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3822 group, re-
fer to the section on group expansion.
FEATURES
qBasic machine-language instructions ...................................... 71
qThe minimum instruction execution time ........................... 0.5 µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ................................................................. 4 K to 48 K bytes
RAM ................................................................. 192 to 1024 bytes
qProgrammable input/output ports ............................................ 49
qSoftware pull-up/pull-down resistors (Ports P0-P7 except port P40)
qInterrupts ................................................. 17 sources, 16 vectors
(includes key input interrupt)
qTimers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
qSerial I/O ...................... 8-bit ✕ 1 (UART or Clock-synchronized)
qA-D converter ................................................. 8-bit ✕ 8 channels
qLCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ........................................................................... 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 32
q2 clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
In middle-speed mode ............................................... 2.5 to 5.5 V
(Extended operating temperature version:
2.0 to 5.5 V, Ta= – 20 to 85°C
3.0 to 5.5 V, Ta= – 40 to – 20°C)
(One time PROM version: 2.5 to 5.5 V)
(M version: 2.2 to 5.5 V)
(H version: 2.0 to 5.5 V)
In low-speed mode .................................................... 2.5 to 5.5 V
(Extended operating temperature version:
2.0 to 5.5 V, Ta= – 20 to 85°C
3.0 to 5.5 V, Ta= – 40 to – 20°C)
(One time PROM version: 2.5 to 5.5 V)
(M version: 2.2 to 5.5 V)
(H version: 2.0 to 5.5 V)
qPower dissipation
In high-speed mode .......................................................... 32 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 45
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range................................... – 20 to 85°C
(Extended operating temperature version: – 40 to 85 °C)
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
Fig. 1 M38224M6HXXXFP pin configuration
(The pin configuration of 80D0 is same as this.)
PIN CONFIGURATION (TOP VIEW)
Package type : 80P6N-A (80-pin plastic-molded QFP)
3822 Group
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38224M6HXXXFP
AVSS
VREF
VCC
SEG0
P41/
φ
P40
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P22
P21
P20
RESET
P70/XCOUT
P71/XCIN
COM0
VL3
COM1
COM2
COM3
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
1
2
3 4
56789 101112 1314151617181920 2122 2324
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80


Similar Part No. - M38227ECFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38227ECFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com