Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS675 Datasheet HTML 1Page - Allegro MicroSystems ATS675 Datasheet HTML 2Page - Allegro MicroSystems ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Continued on the next page…
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS Valid using reference target 8X, TA,TJ, and VCC within specification, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ < TJ(max)
3.3
–
24
V
Undervoltage Lockout
VCCUV
VCC = 0→5 V or 5→0 V
–
–
3.3
V
Supply Zener Clamp Voltage
VZSUPPLY ICC = ICC(max) + 3 mA, TA = 25°C
28
33
40
V
Supply Zener Current3
IZSUPPLY
VSUPPLY = 28 V
–
–
13
mA
Supply Current
ICC
–
6.5
10
mA
Reverse Battery Current4
IRCC
VRCC = –18 V
–
–
–10
mA
Chopping Frequency
fc
–
500
–
kHz
TEST Pin Zener Clamp Voltage5
VZTEST
–6
–
V
Power-On Characteristics
Power-On Time6
tPO
VCC > VCC(min), fSIG < 200 Hz
–
–
1
ms
Output Stage Characteristics
Output Profile Polarity7
LT option, measured
as VOUT, device
electrically connected
as in figure 1
Opposite to Tooth
(Output State = On)
–
Low
–
V
Opposite to Valley
(Output State = Off)
–
High
–
V
HT option, measured
as VOUT, device
electrically connected
as in figure 1
Opposite to Tooth
(Output State = Off)
–
High
–
V
Opposite to Valley
(Output State = On)
–
Low
–
V
Output On Voltage
VOUT(SAT)
IOUT = 10 mA, Output State = On
–
–
400
mV
IOUT = 15 mA, Output State = On
–
–
450
mV
Output Zener Voltage
VZOUT
TA = 25°C, IOUT = 3 mA
30
–
–
V
Output Current Limit
IOUTLIM
Output State = On
30
50
80
mA
Output Leakage Current
IOUTOFF
VOUT = 24 V, Output State = Off
–
–
10
μA
Output Rise Time
tr
RPU = 1 kΩ, CL = 4.7 nF, VPU = 5 V
–
10
–
μs
Output Fall Time8
tf(OUT)
Measured from 90% to 10%,
TA = 25°C, RPU = 1 kΩ,
CL = 4.7 nF, (see figure 2)
VPU = 5V
0.8
1.1
1.5
μs
VPU=12V
–
1.6
–
μs
Output Fall Time Variation with
Temperature
Δtf(OUT)
Maximum variation from TA = 25°C to
–40°C and then to 150°C
–
±20
–
%
Output Delay Time9
td(OUT)
4 kHz sinusoidal input signal, falling electrical
edge (see figure 2)
–18
–
μs
Performance Characteristics
Operational Air Gap Range10
AGTPOS
TPOS functionality guaranteed
0.5
–
3.0
mm
Extended Air Gap Range11
AGEXTMAX
Output switching in Running mode, TPOS
function not guaranteed
3.0
–
4.5
mm
Analog Signal Bandwidth
BW
Equivalent to –3 dB cutoff frequency
–
20
–
kHz
Tooth Speed
fSIG
Tooth signal frequency, sinusoidal input signal
0
–
8000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com