Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems ATS675 Datasheet HTML 10Page - Allegro MicroSystems ATS675 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Performance
Supply Current versus Ambient Temperature
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
175
TA (°C)
TA (°C)
3.3
VCC (V)
15.0
24
Output Voltage (Low) versus Ambient Temperature
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
150
175
20
15
10
IOUT (mA)
Relative Timing Accuracy versus Air Gap
Falling Mechanical Edge, 1000 rpm, Relative to 0.5 mm Air Gap
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
1.5
2
2.5
3
3.5
AG (mm)
Relative Timing Accuracy versus Air Gap
Rising Mechanical Edge, 1000 rpm, Relative to 0.5 mm Air Gap
Relative Timing Accuracy versus Speed
TA = 25°C, 1.5 mm Air Gap, Relative to 0.5 mm Air Gap
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
1.5
2
2.5
3
3.5
AG (mm)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
500
1000
1500
2000
2500
Gear Speed (rpm)
-40
0
25
85
150
TA (°C)
-40
0
25
85
150
TA (°C)
Falling
Rising
Mechanical
Edge
-50
-25
0
25
50
75
100
125
150
175
TA (°C)
Output Fall Time versus Ambient Temperature
RPU = 1 kΩ, CL = 4.7 nF
5
VPU (V)
12
24
3.0
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com