Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems ATS675 Datasheet HTML 10Page - Allegro MicroSystems ATS675 Datasheet HTML 11Page - Allegro MicroSystems ATS675 Datasheet HTML 12Page - Allegro MicroSystems ATS675 Datasheet HTML 13Page - Allegro MicroSystems ATS675 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
1.0 REF
0.9±0.1
1.3±0.1
4.9±0.1
3.3±0.1
10.00±0.05
7.00±0.05
6.23±0.10
11.60±0.10
0.60±0.10
24.65±0.10
0.71±0.10
0.71±0.10
1.60±0.10
1.27±0.10
5.50±0.10
2.00±0.10
1.0 REF
For Reference Only, not for tooling use (reference DWG-9001)
Dimensions in millimeters
24
3
1
A
A
A
B
C
C
D
D
B
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
Standard Branding Reference View
LLLLLLL
YYWW
NNN
Branded
Face
= Supplier emblem
L = Lot identifier
N = Last three numbers of device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
Branding scale and appearance at supplier discretion
0.38 +0.06
–0.04
E
E
F
F
Active Area Depth, 0.43 mm
Hall element (not to scale)
Package SE 4-Pin SIP
Copyright ©2008-2013, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com