Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems ATS675 Datasheet HTML 10Page - Allegro MicroSystems ATS675 Datasheet HTML 11Page - Allegro MicroSystems ATS675 Datasheet HTML 12Page - Allegro MicroSystems ATS675 Datasheet HTML 13Page - Allegro MicroSystems ATS675 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Internal Electronics
This device contains a self-calibrating Hall effect IC that includes
a Hall element, a temperature compensated amplifier, and offset
cancellation circuitry. The IC also contains a voltage regulator
that provides supply noise rejection over the operating voltage
range. The Hall transducers and the electronics are integrated
on the same silicon substrate by a proprietary BiCMOS process.
Changes in temperature do not greatly affect this device, due to
the stable amplifier design and the offset rejection circuitry. The
Hall IC supports a chopper stabilized Hall element that measures
the intensity of magnetic gradients and provides an electrical
signal that represents the target features.
Hall Technology
The ATS675 contains a single-chip Hall effect sensor IC, a 4-pin
leadframe, a specially designed rare-earth pellet, and a ferrous
pole piece (a precisely-mounted magnetic field concentrator).
The Hall IC supports a chopper stabilized Hall element that
measures the magnetic gradient created by the passing of a fer-
romagnetic object. This is illustrated in figure 5. The difference
in the magnetic gradients created by teeth and valleys allows the
devices to generate a digital output signal that is representative of
the target features.
Output Profile Polarity (LT/HT Option)
Device output, VOUT, is a digital representation of the mechani-
cal profile of the target, as illustrated in figure 6. The customer
can choose the relative polarity of the output waveform. This
assigns the polarity opposite tooth features (the inverse polarity
will be output opposite valley features). The LT option sets VOUT
low when a tooth is opposite the device, and the HT option sets
VOUT high when a target tooth is opposite the device. This polar-
ity assignment applies throughout device operation. This ease of
use reduces design time and incremental assembly costs for most
applications.
Automatic Gain Control (AGC)
The Automatic Gain Control (AGC) feature ensures that the
ATS675 initial switching thresholds are isolated from the effects
of changes in the effective air gap (the total distance between
the Hall element and the nearest feature of the target). AGC is
implemented by unique patented self-calibrating circuitry, and
normalizes the sensed magnetic gradient so the internal processed
signal falls within the optimum processing range.
Figure 5. Application cross-section: (A) target tooth opposite device, and
(B) target valley opposite device
Target (Gear)
ATS Device
High-B field
Back-Biasing
Rare-Earth Pellet
Plastic
Hall element
Leadframe
Hall IC
Low-B field
Pole piece
(Concentrator)
North Pole
South Pole
(A)
(B)
Figure 6. Output Profile Polarity options allow selection of VOUT either
inverted (LT option), or in-phase with the target profile (HT option), when
electrically connected as in figure 1.
Target
Mechanical Profile
Processed
Input Signal, V
PROC
Device power-on
0
V+
Target
Magnetic Profile
|B|
0
Output Switch State
HT option
(Following)
VOUT = High
VOUT = Low
On Off On Off On Off On
Off
Output Switch State
LT option
(Inverting)
VOUT = High
VOUT = Low
On Off On Off On Off On Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com