Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems ATS675 Datasheet HTML 10Page - Allegro MicroSystems ATS675 Datasheet HTML 11Page - Allegro MicroSystems ATS675 Datasheet HTML 12Page - Allegro MicroSystems ATS675 Datasheet HTML 13Page - Allegro MicroSystems ATS675 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Target
Mechanical
Profile
0
Time
|B|
100
VPROC(high)
VPROC(low)
0
Application and internal baseline
BST
BHYS
BHYS
Running Mode Operation
Running mode begins immediately at the end of Calibration
mode. During Running mode, switchpoints are established
dynamically, based on the sensed application magnetic gradi-
ent, BAPP. To determine switchpoints, BAPP is normalized by the
AGC feature, and processed to generate the internal processed
signal, VPROC. Two peak-detecting DACs track the VPROC wave-
form, and the output switchpoints are established as percentages
of the values held by the two DACs. Because the switchpoints
are established dynamically as a percentage of the peak-to-peak
signal, the effects of an application baseline shift are minimized.
Running Mode Switchpoints
The values used to define Running mode switchpoints are cal-
culated as a percentage of the peak-to-peak VPROC. As shown in
figure 11, this percentage is subtracted from the maximum VPROC
value, VPROC(high), a value corresponding to a minimum air gap,
that is, at the most prominent target tooth. On the ATS675LSE,
the switchpoints are referenced to approximately 30% of the
peak-to-peak magnetic signal. This level closely corresponds to
the mechanical target edges, resulting in optimal timing accuracy
versus air gap.
Running Mode Hysteresis
The ATS675LSE uses an internal hysteresis method, switching at
a consistent point on both rising and falling edges. When a target
anomaly is encountered, the internal hysteresis thresholds provide
immunity to false switching, as illustrated in figure 12.
Figure 11. Switchpoints Level for Running Mode definition
(switchpoints indicated by circles).
Figure 12. Running mode switching on anomalous peak
(switchpoints indicated by circles).
Time
Switchpoints Level
+BHYS(int)
BST
VPROC(high)
VPROC(low)
–BHYS(int)
On
Output State
for LT option
Off
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com