Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS675 Datasheet HTML 2Page - Allegro MicroSystems ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems ATS675 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
td(OUT)
tf(OUT)
90% VOUT
10% VOUT
VPROC(high)
VPROC(BOP) ,
VPROC(BRP)
VOUT(high)
VPROC(low)
VOUT(low)
Time
Time
Figure 2. Definition of Output Delay Time, td(OUT), and Output
Fall Time, tf(OUT) .
Definitions of Operating Characteristics
0
|B|
Time
Signal
Highest peak
Lowest peak
Reduction
Breduce (%)
× 100
=
BSIG Highest Peak
BSIG Highest Peak – BSIG Lowest Peak
Figure 3. Definition of Maximum Allowable Signal Reduction, Breduce, as a
percentage of the overall magnetic signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com