Electronic Components Datasheet Search
  English  ▼

X  

ATS675 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS675
Description  Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS675 Datasheet HTML 1Page - Allegro MicroSystems ATS675 Datasheet HTML 2Page - Allegro MicroSystems ATS675 Datasheet HTML 3Page - Allegro MicroSystems ATS675 Datasheet HTML 4Page - Allegro MicroSystems ATS675 Datasheet HTML 5Page - Allegro MicroSystems ATS675 Datasheet HTML 6Page - Allegro MicroSystems ATS675 Datasheet HTML 7Page - Allegro MicroSystems ATS675 Datasheet HTML 8Page - Allegro MicroSystems ATS675 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Self-Calibrating TPOS Speed Sensor IC
Optimized for Automotive Cam Sensing Applications
ATS675LSE
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Calibration7
Initial Calibration12,13
CALI
Quantity of mechanical falling edges used to
determine Running mode switchpoints level
–
1
3
edge
TPO to Running Mode Adjustment
CALTPORM
Quantity of mechanical falling edges after CALI
to transition from TPOS switchpoints level to
Running mode switchpoints level
–
–
1
tooth
Running Mode Switchpoint Characteristics
Running Mode Switchpoint
BST
% of peak-to-peak, referenced to tooth signal
(see figure 4)
–30
–
%pk–pk
Internal Hysteresis
BHYS(int)
% of peak-to-peak signal
–
10
–
%
Signal Characteristics
Maximum Allowable Signal Reduction14
Breduce
Reduction in VPROC amplitude from VPROC(high)
to lowest peak VPROC(reduce), all specifications
within range (see figure 3)
–
–
15
%pk-pk
Reduction in VPROC amplitude from VPROC(high)
to lowest peak VPROC(reduce); output switches,
other specifications may be out of range (see
figure 3)
–
–
25
%pk-pk
Relative Timing Accuracy12,15
ErrRELR
Rising mechanical edges after initial calibration,
gear speed = 1000 rpm, target eccentricity
< 0.1 mm
–
0.4
0.8
deg.
ErrRELF
Falling mechanical edges after initial calibration,
gear speed = 1000 rpm, target eccentricity
< 0.1 mm
–
0.5
1.0
deg.
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Maximum current limit is equal to ICC(max) + 3 mA.
4Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
5Sustained voltages beyond the clamp voltage may cause permanent damage to the IC.
6Power-On Time is the duration from when VCC rises above VCC(min) until a valid output state is realized.
7For additional information see the Functional Description section.
8Characterization data shows 12 V fall time to be 1.5 times longer than 5 V fall time. See figure 2.
9Output Delay Time is the duration from when a crossing of the magnetic signal switching level, BST, occurs to when the electrical output signal, VOUT ,
reaches 90% of VOUT(high).
10The Operational Air Gap Range is the range of installation air gaps within which the TPOS (True Power-On State) function is guaranteed to correctly
detect a tooth when powered-on opposite a tooth and correctly detecting a valley when powered-on opposite a valley, using reference target 8X.
11The Extended Air Gap Range is a range of installation air gaps, larger than AGTPOS, within which the device will accurately detect target features in
Running mode, but TPOS functionality is NOT guaranteed, possibly resulting in undetected target features during Initial Calibration. Relative Timing
Accuracy (ErrREL) not guaranteed in Extended Air Gap Range.
12The term mechanical edge refers to a target feature, such as the side of a gear tooth, passing opposite the device. A rising edge is a transition from a
valley to a tooth, and a falling edge is a transition from a tooth to a valley. See figure 6.
13Signal frequency for CALI is fSIG < 200 Hz.
14Running mode; 4X target used. The Processed Internal Signal, VPROC, is the internal signal generated by the Hall detection circuitry and normalized
by Automatic Gain Control.
15Relative Timing Accuracy refers to the difference in accuracy, relative to a 0.5 mm air gap, through the entire Operational Air Gap Range, after initial
calibration; gear speed = 1000 rpm, target eccentricity < 0.1 mm. See figure 7.
OPERATING CHARACTERISTICS (continued) Valid using reference target 8X, T
A, TJ, and VCC within specification, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com