Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 3 Page - Texas Instruments

  OPA621 Datasheet HTML 1Page - Texas Instruments OPA621 Datasheet HTML 2Page - Texas Instruments OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
®
OPA621
3
SPECIFICATIONS (CONT)
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±5VDC, RL = 100Ω, and TA = TMIN to TMAX, unless otherwise noted.
OPA621KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
°C
OFFSET VOLTAGE(1)
Average Drift
Full Temperature Range
±12
µV/°C
Supply Rejection
±V
CC = 4.5V to 5.5V
45
60
dB
BIAS CURRENT
Input Bias Current
Full Temperature, VCM = 0VDC
18
40
µA
OFFSET CURRENT
Input Offset Current
Full Temperature, VCM = 0VDC
0.2
5
µA
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.5
±3.0
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
60
75
dB
OPEN LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
46
60
dB
RL = 50Ω
44
58
dB
RATED OUTPUT
Voltage Output
RL = 100Ω±3.0
±3.5
V
RL = 50Ω±2.5
±3.0
V
POWER SUPPLY
Current, Quiescent
IO = 0mA
26
30
mA
NOTES: (1) Offset Voltage specifications are also guaranteed with units fully warmed up. (2) Parameter is guaranteed by characterization. (3) dBc = dB referred
to carrier-input signal.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com