Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 4 Page - Texas Instruments

  OPA621 Datasheet HTML 1Page - Texas Instruments OPA621 Datasheet HTML 2Page - Texas Instruments OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
OPA621
4
OPA621
Basic Model Number
Performance Grade Code
K = –40
°C to +85°C
Package Code
P = 8-pin Plastic DIP
U = 8-pin Plastic SO-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
No Internal Connection
Positive Supply (+V
)
Output
No Internal Connection
No Internal Connection
Inverting Input
Non-Inverting Input
Negative Supply (–V
)
CC
CC
ORDERING INFORMATION
Top View
DIP/SO-8
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Packages must be derated based on specified
θ
JA. Maximum TJ must
be observed.
Supply .............................................................................................
±7VDC
Internal Power Dissipation(1) .......................... See Applications Information
Differential Input Voltage ............................................................. Total VCC
Input Voltage Range .................................... See Applications Information
Storage Temperature Range KP, KU: ............................ –40
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
(soldering, SO-8 3s) ........................................ +260
°C
Output Short Circuit to Ground (+25
°C) .................. Continuous to Ground
Junction Temperature (TJ ) ............................................................ +175°C
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA621KP
8-Pin Plastic DIP
006
OPA621KU
8-Pin SO-8
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
() ()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com