Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments OPA621 Datasheet HTML 10Page - Texas Instruments OPA621 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
®
OPA621
7
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
80
60
40
20
0
–20
+ PSR
– PSR
–50
BIAS AND OFFSET CURRENT
vs TEMPERATURE
24
21
18
15
12
–75
–25
0
+25
+50
+75
+100
0.8
0.6
0.4
0.2
0
Ambient Temperature (°C)
+125
Bias Current
Offset Current
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
–50
SUPPLY CURRENT vs TEMPERATURE
32
29
26
23
20
–75
–25
0
+25
+50
+75
+100
Ambient Temperature (°C)
+125
–3
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
28
23
18
13
8
–4
–2
–1
0
+1
+2
+3
0.8
0.6
0.4
0.2
0
Common-Mode Voltage (V)
Bias Current
+4
Offset Current
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
80
60
40
20
0
–20
V = 0VDC
O
–4
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
80
75
70
65
60
–5
–2
0
+2
+3
Common-Mode Voltage (V)
+5
–3
–1
+1
+4
V = 0VDC
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com