Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments OPA621 Datasheet HTML 10Page - Texas Instruments OPA621 Datasheet HTML 11Page - Texas Instruments OPA621 Datasheet HTML 12Page - Texas Instruments OPA621 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
®
OPA621
9
1MHz HARMONIC DISTORTION
vs POWER OUTPUT
–100
–50
–60
–80
–20
Power Output (dBm)
+15
–40
–70
0+5
–90
–15
+10
–10
–5
0.125Vp-p
0.25Vp-p
0.5Vp-p
1Vp-p
2Vp-p
G = +2V/V
Ω
R = 50
L
C
f
= 1MHz
3f below noise floor
2f
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
NTSC DIFFERENTIAL GAIN vs CLOSED-LOOP GAIN
0.5
0.3
0.2
0
13
6
8
Closed-Loop Amplifier Gain (V/V)
10
0.4
0.1
24
57
9
f = 3.58MHz
R = 75 (Two Back-Terminated Outputs)
L
Ω
V = 0V to 2.1V
O
V = 0V to 0.7V
O
V = 0V to 1.4V
O
NTSC DIFFERENTIAL PHASE vs CLOSED-LOOP GAIN
1.0
0.6
0.4
0
13
6
8
Closed-Loop Amplifier Gain (V/V)
10
0.8
0.2
24
57
9
f = 3.58MHz
R = 75
(Two Back-Terminated Outputs)
L
Ω
V = 0V to 2.1V
O
V = 0V to 0.7V
O
V = 0V to 1.4V
O
SMALL-SIGNAL
HARMONIC DISTORTION vs FREQUENCY
–90
–50
–60
–80
100k
Frequency (Hz)
100M
–40
–70
1M
10M
G = +2V/V
Ω
R = 50
L
O
V
= 0.5Vp-p
2f
3f below noise floor
LARGE-SIGNAL
HARMONIC DISTORTION vs FREQUENCY
–30
–50
–60
–80
100k
Frequency (Hz)
100M
–40
–70
1M
10M
G = +2V/V
Ω
R = 50
L
O
V
= 2Vp-p
2f
3f
10MHz HARMONIC DISTORTION
vs POWER OUTPUT
–30
–50
–60
–80
–20
Power Output (dBm)
+15
–40
–70
0+5
–90
–15
+10
–10
–5
0.125Vp-p
0.25Vp-p
0.5Vp-p
1Vp-p
2Vp-p
G = +2V/V
Ω
R = 50
L
C
f
= 10MHz
2f
3f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com