Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 5 Page - Texas Instruments

  OPA621 Datasheet HTML 1Page - Texas Instruments OPA621 Datasheet HTML 2Page - Texas Instruments OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
OPA621
5
A = +2V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
V
Frequency (Hz)
+10
+8
+6
+2
0
–2
1M
10M
100M
1G
0
–45
–90
–135
–180
+4
A
OL
PM
50°
Gain
Open-Loop Phase
≈
f
500MHz
–3dB ≈
A = +5V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
Ω
R = 50
L
A = +10V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
V
Frequency (Hz)
+24
+22
+20
+16
+14
+12
1M
10M
100M
1G
0
–45
–90
–135
–180
+18
A
OL
PM
80°
Gain
Open-Loop Phase
≈
f
50MHz
–3dB ≈
A = +5V/V CLOSED-LOOP
SMALL-SIGNAL BANDWIDTH
V
Frequency (Hz)
+18
+16
+14
+10
+8
+6
1M
10M
100M
1G
0
–45
–90
–135
–180
+12
A
OL
PM
70°
Gain
Open-Loop Phase
≈
f
100MHz
–3dB ≈
OPEN-LOOP FREQUENCY RESPONSE
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
80
60
40
20
0
–20
Gain
Phase
Phase
Margin
50°
≈
0
–45
–90
–135
–180
TYPICAL PERFORMANCE CURVES
At VCC = ±5VDC, RL = 100Ω, and TA = +25°C, unless otherwise noted.
A = +2V/V CLOSED-LOOP BANDWIDTH
vs OUTPUT VOLTAGE SWING
V
Frequency (Hz)
8
6
0
1M
10M
100M
1G
4
1k
10k
100k
2
Ω
R = 50
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com