Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments OPA621 Datasheet HTML 10Page - Texas Instruments OPA621 Datasheet HTML 11Page - Texas Instruments OPA621 Datasheet HTML 12Page - Texas Instruments OPA621 Datasheet HTML 13Page - Texas Instruments OPA621 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
OPA621
10
APPLICATIONS INFORMATION
DISCUSSION OF PERFORMANCE
The OPA621 provides a level of speed and precision not
previously attainable in monolithic form. Unlike current
feedback amplifiers, the OPA621’s design uses a “Classi-
cal” operational amplifier architecture and can therefore be
used in all traditional operational amplifier applications.
While it is true that current feedback amplifiers can provide
wider bandwidth at higher gains, they offer many disadvan-
tages. The asymmetrical input characteristics of current
feedback amplifiers (i.e. one input is a low impedance)
prevents them from being used in a variety of applications.
In addition, unbalanced inputs make input bias current errors
difficult to correct. Bias current cancellation through match-
ing of inverting and non-inverting input resistors is
impossible because the input bias currents are uncorrelated.
Current noise is also asymmetrical and is usually signifi-
cantly higher on the inverting input. Perhaps most important,
settling time to 0.01% is often extremely poor due to internal
design tradeoffs. Many current feedback designs exhibit
settling times to 0.01% in excess of 10 microseconds even
though 0.1% settling times are reasonable. Such ampli-
fiers are completely inadequate for fast settling 12-bit
applications.
The OPA621’s “Classical” operational amplifier architec-
ture employs true differential and fully symmetrical inputs
to eliminate these troublesome problems. All traditional
circuit configurations and op amp theory apply to the
OPA621. The use of low-drift thin-film resistors allows
internal operating currents to be laser-trimmed at
wafer-level to optimize AC performance such as bandwidth
and settling time, as well as DC parameters such as input
offset voltage and drift. The result is a wideband,
high-frequency monolithic operational amplifier with a gain-
bandwidth product of 500MHz, a 0.01% settling time of
25ns, and an input offset voltage of 200
µV.
WIRING PRECAUTIONS
Maximizing the OPA621’s capability requires some wiring
precautions and high-frequency layout techniques. Oscilla-
tion, ringing, poor bandwidth and settling, gain peaking, and
instability are typical problems plaguing all high-speed
amplifiers when they are improperly used. In general, all
printed circuit board conductors should be wide to provide
low resistance, low impedance signal paths. They should
also be as short as possible. The entire physical circuit
should be as small as practical. Stray capacitances should be
minimized, especially at high impedance nodes, such as the
amplifier’s input terminals. Stray signal coupling from the
output or power supplies to the inputs should be minimized.
All circuit element leads should be no longer than 1/4 inch
(6mm) to minimize lead inductance, and low values of
resistance should be used. This will minimize time constants
formed with the circuit capacitances and will eliminate
stray, parasitic circuits.
Grounding is the most important application consideration
for the OPA621, as it is with all high-frequency circuits.
Oscillations at frequencies of 500MHz and above can easily
occur if good grounding techniques are not used. A heavy
ground plane (2oz copper recommended) should connect all
unused areas on the component side. Good ground planes
can reduce stray signal pickup, provide a low resistance, low
inductance common return path for signal and power, and
can conduct heat from active circuit package pins into
ambient air by convection.
Supply bypassing is extremely critical and must always be
used, especially when driving high current loads. Both
power supply leads should be bypassed to ground as close as
possible to the amplifier pins. Tantalum capacitors (1
µF to
10
µF) with very short leads are recommended. A parallel
0.1
µF ceramic should be added at the supply pins. Surface
mount bypass capacitors will produce excellent results due
to their low lead inductance. Additionally, suppression fil-
ters can be used to isolate noisy supply lines. Properly
bypassed and modulation-free power supply lines allow full
amplifier
output
and
optimum
settling
time
performance.
Points to Remember
1) Don’t use point-to-point wiring as the increase in wiring
inductance will be detrimental to AC performance. How-
ever, if it must be used, very short, direct signal paths are
required. The input signal ground return, the load ground
return, and the power supply common should all be
connected to the same physical point to eliminate ground
loops, which can cause unwanted feedback.
2) Good component selection is essential. Capacitors used in
critical locations should be a low inductance type with a high
quality dielectric material. Likewise, diodes used in critical
locations should be Schottky barrier types, such as HP5082-
2835 for fast recovery and minimum charge storage.
Ordinary diodes will not be suitable in RF circuits.
3) Whenever possible, solder the OPA621 directly into the
PC board without using a socket. Sockets add parasitic
capacitance and inductance, which can seriously degrade
AC performance or produce oscillations. If sockets must be
used, consider using zero-profile solderless sockets such as
Augat part number 8134-HC-5P2. Alternately, Teflon® stand-
offs located close to the amplifier’s pins can be used to
mount feedback components.
4) Resistors used in feedback networks should have values
of a few hundred ohms for best performance. Shunt capaci-
tance problems limit the acceptable resistance range to about
1k
Ω on the high end and to a value that is within the
amplifier’s output drive limits on the low end. Metal film
and carbon resistors will be satisfactory, but wirewound
resistors (even “non-inductive” types) are absolutely
unacceptable in high-frequency circuits.
5) Surface mount components (chip resistors, capacitors,
etc.) have low lead inductance and are therefore strongly
Teflon® E. I. Du Pont de Nemours & Co.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com