Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments OPA621 Datasheet HTML 10Page - Texas Instruments OPA621 Datasheet HTML 11Page - Texas Instruments OPA621 Datasheet HTML 12Page - Texas Instruments OPA621 Datasheet HTML 13Page - Texas Instruments OPA621 Datasheet HTML 14Page - Texas Instruments OPA621 Datasheet HTML 15Page - Texas Instruments OPA621 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
®
OPA621
12
when driving the signal-dependent capacitances at the inputs
of flash A/D converters. As shown in Figure 3, the OPA621
maintains very low closed-loop output impedance over
frequency. Closed-loop output impedance increases with
frequency since loop gain is decreasing with frequency.
When the output is shorted to ground PDL = 5V x 150mA =
750mW. Thus, P
D = 280mW + 750mW = 1W. Note that the
short-circuit condition represents the maximum amount of
internal power dissipation that can be generated. Thus, the
“Maximum Power Dissipation” curve starts at 1W and is
derated based on a 175
°C maximum junction temperature
and the junction-to-ambient thermal resistance,
θ
JA, of each
package. The variation of short-circuit current with tempera-
ture is shown in Figure 5.
FIGURE 3. Small-Signal Output Impedance vs Frequency.
THERMAL CONSIDERATIONS
The OPA621 does not require a heat sink for operation in
most environments. The use of a heat sink, however, will
reduce the internal thermal rise and will result in cooler,
more reliable operation. At extreme temperatures and under
full load conditions a heat sink is necessary. See “Maximum
Power Dissipation” curve, Figure 4.
FIGURE 4. Maximum Power Dissipation.
The internal power dissipation is given by the equation PD =
P
DQ + PDL, where PDQ is the quiescent power dissipation and
PDL is the power dissipation in the output stage due to the
load. (For
±V
CC = ±5V, PDQ = 10V x 28mA = 280mW,
max). For the case where the amplifier is driving a grounded
load (RL) with a DC voltage (±VOUT) the maximum value of
PDL occurs at ±VOUT = ±VCC/2, and is equal to PDL, max =
(
±V
CC)
2/4R
L. Note that it is the voltage across the output
transistor, and not the load, that determines the power
dissipated in the output stage.
FIGURE 5. Short-Circuit Current vs Temperature.
CAPACITIVE LOADS
The OPA621’s output stage has been optimized to drive
resistive loads as low as 50
Ω. Capacitive loads, however,
will decrease the amplifier’s phase margin which may cause
high frequency peaking or oscillations. Capacitive loads
greater than 15pF should be buffered by connecting a small
resistance, usually 5
Ω to 25Ω, in series with the output as
shown in Figure 6. This is particularly important when
driving high capacitance loads such as flash A/D converters.
In general, capacitive loads should be minimized for opti-
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated in
its characteristic impedance.
FIGURE 6. Driving Capacitive Loads.
OPA621
C
L
R
L
R
S
(R typically 5
to 25 )
S
ΩΩ
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
10
1
0.1
0.01
G = +10V/V
G = +2V/V
G = +5V/V
1.2
1.0
0.8
0.6
0.4
0.2
0
0
+25
+50
+75
+100
+125
+150
Ambient Temperature (°C)
Plastic, SO-8
Packages
250
200
150
100
50
–75
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
+I
SC
– I
SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com