Electronic Components Datasheet Search
  English  ▼

X  

OPA621 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA621
Description  OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA621 Datasheet(HTML) 1 Page - Texas Instruments

  OPA621 Datasheet HTML 1Page - Texas Instruments OPA621 Datasheet HTML 2Page - Texas Instruments OPA621 Datasheet HTML 3Page - Texas Instruments OPA621 Datasheet HTML 4Page - Texas Instruments OPA621 Datasheet HTML 5Page - Texas Instruments OPA621 Datasheet HTML 6Page - Texas Instruments OPA621 Datasheet HTML 7Page - Texas Instruments OPA621 Datasheet HTML 8Page - Texas Instruments OPA621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©1989 Burr-Brown Corporation
PDS-939F
Printed in U.S.A. June, 1997
FEATURES
q LOW NOISE: 2.3nV/
√Hz
q LOW DIFFERENTIAL GAIN/PHASE ERROR
q HIGH OUTPUT CURRENT: 150mA
q FAST SETTLING: 25ns (0.01%)
q GAIN-BANDWIDTH: 500MHz
q STABLE IN GAINS:
≥ 2V/V
q LOW OFFSET VOLTAGE:
±100µV
q SLEW RATE: 500V/
µs
q 8-PIN DIP, SOIC PACKAGES
Wideband Precision
OPERATIONAL AMPLIFIER
APPLICATIONS
q LOW NOISE PREAMPLIFIER
q LOW NOISE DIFFERENTIAL AMPLIFIER
q HIGH-RESOLUTION VIDEO
q LINE DRIVER
q HIGH-SPEED SIGNAL PROCESSING
q ADC/DAC BUFFER
q ULTRASOUND
q PULSE/RF AMPLIFIERS
q ACTIVE FILTERS
DESCRIPTION
The OPA621 is a precision wideband monolithic opera-
tional amplifier featuring very fast settling time, low
differential gain and phase error, and high output
current drive capability.
The OPA621 is stable in gains of
±2V/V or higher. This
amplifier has a very low offset, fully symmetrical
differential input due to its “classical” operational am-
plifier circuit architecture. Unlike “current-feedback”
Current
Mirror
Output
Stage
3
2
Non-Inverting
Input
Inverting
Input
7
+V
CC
4
–V
CC
6 Output
®
OPA621
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
amplifier designs, the OPA621 may be used in all op
amp applications requiring high speed and precision.
Low noise and distortion, wide bandwidth, and high
linearity make this amplifier suitable for RF and video
applications. Short circuit protection is provided by an
internal current-limiting circuit.
The OPA621 is available in DIP and SO-8 packages.
SBOS164


Similar Part No. - OPA621

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
Wideband Precision OPERATIONAL AMPLIFIER
OPA621KP BURR-BROWN-OPA621KP Datasheet
193Kb / 16P
Wideband Precision OPERATIONAL AMPLIFIER
OPA621KU BURR-BROWN-OPA621KU Datasheet
193Kb / 16P
Wideband Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com