Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 2 Page - Texas Instruments

  OPA688P Datasheet HTML 1Page - Texas Instruments OPA688P Datasheet HTML 2Page - Texas Instruments OPA688P Datasheet HTML 3Page - Texas Instruments OPA688P Datasheet HTML 4Page - Texas Instruments OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OPA688
2
SBOS082A
AC PERFORMANCE (see Figure 1)
Small Signal Bandwidth
VO < 0.2Vp-p
G = +1, RF = 25Ω
530
———
MHz
typ
C
G = +2
260
150
140
135
MHz
min
B
G = –1
230
———
MHz
typ
C
Gain-Bandwidth Product (G
≥ +5)
VO < 0.2Vp-p
290
175
170
160
MHz
min
B
Gain Peaking
G = +1, RF = 25Ω, VO < 0.2Vp-p
11
——
—
dB
typ
C
0.1dB Gain Flatness Bandwidth
VO < 0.2Vp-p
50
——
—
MHz
typ
C
Large Signal Bandwidth
VO = 4Vp-p, VH = –VL = 2.5V
145
100
95
90
MHz
min
B
Step Response:
Slew Rate
4V Step, VH = –VL = 2.5V
1000
800
770
650
V/
µs
min
B
Rise/Fall Time
0.2V Step
1.2
2.6
2.7
3
ns
max
B
Settling Time: 0.05%
2V Step
7
———
ns
typ
C
Spurious Free Dynamic Range
f = 5MHz, VO = 2Vp-p
66
62
58
53
dB
min
B
Differential Gain
NTSC, PAL, RL = 500Ω
0.02
———
%
typ
C
Differential Phase
NTSC, PAL, RL = 500Ω
0.01
———
degrees
typ
C
Input Noise:
Voltage Noise Density
f
≥ 1MHz
6.3
7.2
7.8
8
nV/
√Hz
max
B
Current Noise Density
f
≥ 1MHz
2.0
2.5
2.9
3.6
pA/
√Hz
max
B
DC PERFORMANCE (VCM = 0)
Open Loop Voltage Gain (AOL)VO = ±0.5V
52
46
44
43
dB
min
A
Input Offset Voltage
±2
±6
±7
±9
mV
max
A
Average Drift
——
±14
±14
µV/°C
max
B
Input Bias Current(3)
+6
±12
±13
±20
µA
max
A
Average Drift
——
–60
–90
nA/
°C
max
B
Input Offset Current
±0.3
±2
±3
±4
µA
max
A
Average Drift
——
±10
±10
nA/
°C
max
B
INPUT
Common-Mode Rejection
Input Referred, VCM = ±0.5V
57
50
49
47
dB
min
A
Common-Mode Input Range(4)
±3.3
±3.2
±3.2
±3.1
V
min
A
Input Impedance
Differential-Mode
0.4 || 1
———
M
Ω || pF
typ
C
Common-Mode
1 || 1
———
M
Ω || pF
typ
C
OUTPUT
VH = –VL = 4.3V
Output Voltage Range
RL ≥ 500Ω±4.1
±3.9
±3.9
±3.8
V
min
A
Current Output, Sourcing
VO = 0
105
90
85
80
mA
min
A
Sinking
VO = 0
–85
–70
–65
–60
mA
min
A
Closed-Loop Output Impedance
G = +1, RF = 25Ω, f < 100kHz
0.2
———
Ω
typ
C
POWER SUPPLY
Operating Voltage, Specified
±5
———
V
typ
C
Maximum
—
±6
±6
±6
V
max
A
Quiescent Current, Maximum
15.8
17
19
20
mA
max
A
Minimum
15.8
14
12.8
11
mA
min
A
Power Supply Rejection Ratio
+VS = 4.5V to 5.5V
+PSR (Input Referred)
60
55
54
52
dB
min
A
OUTPUT VOLTAGE LIMITERS
Pins 5 and 8
Default Limit Voltage
Limiter Pins Open
±3.3
±3.0
±3.0
±2.9
V
min
A
Minimum Limiter Separation (VH – VL)
200
200
200
200
mV
min
B
Maximum Limit Voltage
—
±4.3
±4.3
±4.3
V
max
B
Limiter Input Bias Current Magnitude (5)
VO = 0
Maximum
54
65
68
70
µA
max
A
Minimum
54
35
34
31
µA
min
A
Average Drift
——
40
45
nA/
°C
max
B
Limiter Input Impedance
2 || 1
———
M
Ω || pF
typ
C
Limiter Feedthrough(6)
f = 5MHz
–60
———
dB
typ
C
DC Performance in Limit Mode
VIN = ±2V
Limiter Offset
(VO – VH) or (VO – VL)
±15
±35
±40
±40
mV
max
A
Op Amp Input Bias Current Shift(3)
3
———
µA
typ
C
AC Performance in Limit Mode
Limiter Small Signal Bandwidth
VIN = ±2V, VO < 0.02Vp-p
450
———
MHz
typ
C
Limiter Slew Rate(7)
100
———
V/
µs
typ
C
Limited Step Response
2x Overdrive
Overshoot
VIN = 0 to ±2V Step
250
———
mV
typ
C
Recovery Time
VIN = ±2V to 0V Step
2.4
2.8
3.0
3.2
ns
max
B
Linearity Guardband(8)
f = 5MHz, VO = 2Vp-p
30
———
mV
typ
C
SPECIFICATIONS: VS = ±5V
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
OPA688U
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNITS
MAX LEVEL(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com