Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments OPA688P Datasheet HTML 10Page - Texas Instruments OPA688P Datasheet HTML 11Page - Texas Instruments OPA688P Datasheet HTML 12Page - Texas Instruments OPA688P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA688
9
SBOS082A
TYPICAL PERFORMANCE CURVES : VS = ±5V (Cont.)
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
100
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
1M
1G
10M
100M
G = +1
R
F = 25Ω
V
O = 0.2Vp-p
100
95
90
85
80
75
70
65
60
55
50
PSR AND CMR vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
PSR–
PSRR
PSR+
CMRR
5.0
4.5
4.0
3.5
3.0
VOLTAGE RANGES vs TEMPERATURE
Ambient Temperature (°C)
–50
–25
0
25
50
75
100
Output Voltage Range
V
H = –VL = 4.3V
Common-Mode Input Range
20
18
16
14
12
10
SUPPLY AND OUTPUT CURRENTS vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
120
110
100
90
80
70
Output Current, Sourcing
Supply Current
| Output Current, Sinking |
100
75
50
25
0
–25
–50
–75
–100
LIMITER INPUT BIAS CURRENT vs BIAS VOLTAGE
Limiter Headroom (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Maximum Over Temperature
Minimum Over Temperature
Limiter Headroom = +V
S – VH
Current = I
VH or –IVL
= V
L – (–VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com