Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 1 Page - Texas Instruments

  OPA688P Datasheet HTML 1Page - Texas Instruments OPA688P Datasheet HTML 2Page - Texas Instruments OPA688P Datasheet HTML 3Page - Texas Instruments OPA688P Datasheet HTML 4Page - Texas Instruments OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Unity Gain Stable, Wideband
VOLTAGE LIMITING AMPLIFIER
OPA688
FEATURES
q HIGH LINEARITY NEAR LIMITING
q FAST RECOVERY FROM OVERDRIVE: 2.4ns
q LIMITING VOLTAGE ACCURACY:
±15mV
q –3dB BANDWIDTH (G = +1): 530MHz
q SLEW RATE: 1000V/
µs
q
±5V AND 5V SUPPLY OPERATION
q HIGH GAIN VERSION: OPA689
APPLICATIONS
q FAST LIMITING ADC INPUT BUFFERS
q CCD PIXEL CLOCK STRIPPING
q VIDEO SYNC STRIPPING
q HF MIXERS
q IF LIMITING AMPLIFIERS
q AM SIGNAL GENERATION
q NON-LINEAR ANALOG SIGNAL PROCESSING
q COMPARATORS
DESCRIPTION
The OPA688 is a wideband, unity gain stable voltage-
feedback op amp that offers bipolar output voltage lim-
iting. Two buffered limiting voltages take control of the
output when it attempts to drive beyond these limits.
This new output limiting architecture holds the limiter
offset error to
±15mV. The op amp operates linearly to
within 30mV of the output limit voltages.
The combination of narrow nonlinear range and low
limiting offset allows the limiting voltages to be set
within 100mV of the desired linear output range. A fast
2.4ns recovery from limiting ensures that overdrive sig-
nals will be transparent to the signal channel. Imple-
menting the limiting function at the output, as opposed to
the input, gives the specified limiting accuracy for any
gain, and allows the OPA688 to be used in all standard
op amp applications.
Non-linear analog signal processing will benefit from
the OPA688’s sharp transition from linear operation to
output limiting. The quick recovery time supports high-
speed applications.
The OPA688 is available in an industry standard pinout
SO-8 package. For higher gain, or transimpedance appli-
cations requiring output limiting with fast recovery,
consider the OPA689.
TM
OPA6
88
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
LIMITED OUTPUT RESPONSE
V
IN
V
O
Time (200ns/div)
V
H = –VL = 2.0V
G = +2
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
DETAIL OF LIMITED OUTPUT VOLTAGE
Time (50ns/div)
V
O
www.ti.com
Copyright © 1997, Texas Instruments Incorporated
SBOS082A
Printed in U.S.A. February, 2001


Similar Part No. - OPA688P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688P BURR-BROWN-OPA688P Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA688P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com