Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA688P Datasheet HTML 3Page - Texas Instruments OPA688P Datasheet HTML 4Page - Texas Instruments OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments OPA688P Datasheet HTML 10Page - Texas Instruments OPA688P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA688
7
SBOS082A
TYPICAL PERFORMANCE CURVES : VS = ±5V (Cont.)
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
HD2
HD3
V
O = 2Vp-p
R
L = 500Ω
Frequency (Hz)
1M
10M
20M
HARMONIC DISTORTION NEAR LIMIT VOLTAGES
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
± Limit Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
V
O = 0VDC ±1Vp
f
1 = 5MHz
R
L = 500Ω
HD2
HD3
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
3RD HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp-p)
0.1
1.0
5.0
R
L = 500Ω
f
1 = 20MHz
f
1 = 10MHz
f
1 = 5MHz
f
1 = 2MHz
f
1 = 1MHz
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
50
100
1000
V
O = 2Vp-p
f
1 = 5MHz
HD2
HD3
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
2ND HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp-p)
0.1
1.0
5.0
R
L = 500Ω
f
1 = 20MHz
f
1 = 10MHz
f
1 = 1MHz
f
1 = 5MHz
f
1 = 2MHz
12
9
6
3
0
–3
–6
–9
–12
–15
–18
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
G = +2
≤ 0.2Vp-p
2Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com