Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 4 Page - Texas Instruments

  OPA688P Datasheet HTML 1Page - Texas Instruments OPA688P Datasheet HTML 2Page - Texas Instruments OPA688P Datasheet HTML 3Page - Texas Instruments OPA688P Datasheet HTML 4Page - Texas Instruments OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA688
4
SBOS082A
OUTPUT VOLTAGE LIMITERS
Pins 5 and 8
Default Limiter Voltage
Limiter Pins Open
VCM ±0.9 VCM ±0.6 VCM ±0.6 VCM ±0.6
V
min
A
Minimum Limiter Separation (VH – VL)
200
200
200
200
mV
min
B
Maximum Limit Voltage
—
VCM ±1.8 VCM ±1.8 VCM ±1.8
V
max
B
Limiter Input Bias Current Magnitude(5)
VO = 2.5V
Maximum
35
65
75
85
µA
max
A
Minimum
35
0
00
µA
min
A
Average Drift
——
30
50
nA/
°C
max
B
Limiter Input Impedance
2 || 1
———
M
Ω || pF
typ
C
Limiter Feedthrough(6)
f = 5MHz
–60
———
dB
typ
C
DC Performance in Limit Mode
VIN = VCM ±1.2V
Limiter Voltage Accuracy
(VO – VH) or (VO – VL)
±15
±35
±40
±40
mV
max
A
Op Amp Bias Current Shift(3)
5
———
µA
typ
C
AC Performance in Limit Mode
Limiter Small Signal Bandwidth
VIN = VCM ±1.2V, VO < 0.02Vp-p
300
———
MHz
typ
C
Limiter Slew Rate(7)
20
———
V/
µs
typ
C
Limited Step Response
2x Overdrive
Overshoot
VIN = VCM to VCM ±1.2V Step
55
———
mV
typ
C
Recovery Time
VIN = VCM ±1.2V to VCM Step
15
———
ns
max
C
Linearity Guardband(8)
f = 5MHz, VO = 2Vp-p
30
———
mV
max
C
THERMAL CHARACTERISTICS
Temperature Range
Specification: P, U
–40 to +85
———
°C
typ
C
Thermal Resistance
Junction-to-Ambient
U
8-Pin SO-8
125
———
°C/W
typ
C
NOTES: (1) Junction Temperature = Ambient Temperature for low temperature limit and 25
°C guaranteed specifications. Junction Temperature = Ambient Temperature + 23°C
at high temperature limit guaranteed specifications. (2) TEST LEVELS: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by
characterization and simulation. (C) Typical value for information only. (3) Current is considered positive out of node. (4) CMIR tested as < 3dB degradation from minimum
CMRR at specified limits. (5) IVH (VH bias current) is negative, and IVL (VL bias current) is positive, under these conditions. See Note 3, Figures 2, and Figure 8. (6) Limiter
feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0. (7) VH slew rate conditions are: VIN = VCM +0.4V, G = +2, VL = VCM –1.2V,
VH = step between VCM + 1.2V and VCM. VL slew rate conditions are similar. (8) Linearity Guardband is defined for an output sinusoid (f = 5MHz, VO = VCM ±1Vp-p) centered
between the limiter levels (VH and VL). It is the difference between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 9).
SPECIFICATIONS: VS = +5V (Cont.)
G = +2, RL = 500Ω tied to VCM = 2.5V, RF = 402Ω, VL = –1.2V, VH = +1.2V (Figure 2 for AC performance only), unless otherwise noted.
OPA688U
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNITS
MAX LEVEL(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com