Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA688P Datasheet HTML 10Page - Texas Instruments OPA688P Datasheet HTML 11Page - Texas Instruments OPA688P Datasheet HTML 12Page - Texas Instruments OPA688P Datasheet HTML 13Page - Texas Instruments OPA688P Datasheet HTML 14Page - Texas Instruments OPA688P Datasheet HTML 15Page - Texas Instruments OPA688P Datasheet HTML 16Page - Texas Instruments OPA688P Datasheet HTML 17Page - Texas Instruments OPA688P Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
OPA688
16
SBOS082A
FIGURE 12. 5MHz Harmonic Distortion vs Load Resistance.
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
50
100
1000
V
O = 2Vp-p
f
1 = 5MHz
HD2
HD3
To maintain a wide bandwidth at high gains, cascade several
op amps, or use the high gain optimized OPA689.
In applications where a large feedback resistor is required,
such as photodiode transimpedance amplifier, the parasitic
capacitance from the inverting input to ground causes peak-
ing or oscillations. To compensate for this effect, connect a
small capacitor in parallel with the feedback resistor. The
bandwidth will be limited by the pole that the feedback
resistor and this capacitor create. In other high gain applica-
tions, use a three resistor “Tee” network to reduce the RC
time constants set by the parasitic capacitances. Be careful
to not increase the noise generated by this feedback network
too much.
PULSE SETTLING TIME
The OPA688 is capable of an extremely fast settling time in
response to a pulse input. Frequency response flatness and
phase linearity are needed to obtain the best settling times.
For capacitive loads, such as an ADC, use the recommended
RS in the typical performance curve “RS vs Capacitive
Load”. Extremely fine-scale settling (0.01%) requires close
attention to ground return current in the supply decoupling
capacitors.
The pulse settling characteristics when recovering from
overdrive are very good.
DISTORTION
The OPA688’s distortion performance is specified for a
500
Ω load, such as an ADC. Driving loads with smaller
resistance will increase the distortion as illustrated in Figure
12. Remember to include the feedback network in the load
resistance calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com