Electronic Components Datasheet Search
  English  ▼

X  

OPA688P Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA688P Datasheet(HTML) 3 Page - Texas Instruments

  OPA688P Datasheet HTML 1Page - Texas Instruments OPA688P Datasheet HTML 2Page - Texas Instruments OPA688P Datasheet HTML 3Page - Texas Instruments OPA688P Datasheet HTML 4Page - Texas Instruments OPA688P Datasheet HTML 5Page - Texas Instruments OPA688P Datasheet HTML 6Page - Texas Instruments OPA688P Datasheet HTML 7Page - Texas Instruments OPA688P Datasheet HTML 8Page - Texas Instruments OPA688P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA688
3
SBOS082A
THERMAL CHARACTERISTICS
Temperature Range
Specification: U
–40 to +85
———
°C
typ
C
Thermal Resistance
Junction-to-Ambient
U
8-Pin SO-8
125
———
°C/W
typ
C
NOTES: (1) Junction Temperature = Ambient Temperature for low temperature limit and 25
°C guaranteed specifications. Junction Temperature = Ambient Temperature
+ 23
°C at high temperature limit guaranteed specifications. (2) TEST LEVELS: (A) 100% tested at 25°C. Over temperature limits by characterization and simulation. (B)
Limits set by characterization and simulation. (C) Typical value for information only. (3) Current is considered positive out of node. (4) CMIR tested as < 3dB degradation
from minimum CMRR at specified limits. (5) IVH (VH bias current) is positive, and IVL (VL bias current) is negative, under these conditions. See Note 3, Figure 1 and Figure
8 . (6) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0. (7) VH slew rate conditions are: VIN = +2V, G = +2, VL
= –2V, VH = step between 2V and 0V. VL slew rate conditions are similar. (8) Linearity Guardband is defined for an output sinusoid (f = 5MHz, VO = 0VDC ±1Vp-p) centered
between the limiter levels (VH and VL). It is the difference between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 9).
SPECIFICATIONS: VS = ±5V (Cont.)
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
OPA688U
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNITS
MAX LEVEL(2)
AC PERFORMANCE (see Figure 2)
Small Signal Bandwidth
VO < 0.2Vp-p
G = +1, RF = 25Ω
515
———
MHz
typ
C
G = +2
240
110
105
100
MHz
min
B
G = –1
190
———
MHz
typ
C
Gain-Bandwidth Product (G
≥ +5)
VO < 0.2Vp-p
275
130
125
120
MHz
min
B
Gain Peaking
G = +1, RF = 25Ω, VO < 0.2Vp-p
10
———
dB
typ
C
0.1dB Gain Flatness Bandwidth
VO < 0.2Vp-p
50
———
MHz
typ
C
Large Signal Bandwidth
VO = 2Vp-p
240
110
105
100
MHz
min
B
Step Response:
Slew Rate
2V Step
1000
800
770
650
V/
µs
min
B
Rise/Fall Time
0.2V Step
2.3
2.6
2.7
3
ns
max
B
Settling Time: 0.05%
1V Step
12
———
ns
typ
C
Spurious Free Dynamic Range
f = 5MHz, VO = 2Vp-p
64
60
56
51
dB
min
B
Input Noise:
Voltage Noise Density
f
≥ 1MHz
6.3
7.2
7.8
8
nV/
√Hz
max
B
Current Noise Density
f
≥ 1MHz
2.0
2.5
2.9
3.6
pA/
√Hz
max
B
DC PERFORMANCE
VCM = 2.5V
Open Loop Voltage Gain (AOL)VO = ±0.5V
52
46
44
43
dB
min
A
Input Offset Voltage
±2
±6
±7
±9
mV
max
A
Average Drift
——
±14
±14
µV/°C
max
B
Input Bias Current(3)
+6
±12
±13
±20
µA
max
A
Average Drift
——
–60
–90
nA/
°C
max
B
Input Offset Current
±0.3
±2
±3
±4
µA
max
A
Average Drift
——
±10
±10
nA/
°C
max
B
INPUT
Common-Mode Rejection
Input Referred, VCM = ±0.5V
55
48
47
45
dB
min
A
Common-Mode Input Range(4)
VCM ±0.8 VCM ±0.7 VCM ±0.7 VCM ±0.6
V
min
A
Input Impedance
Differential-Mode
0.4 || 1
———
M
Ω || pF
typ
C
Common-Mode
1 || 1
———
M
Ω || pF
typ
C
OUTPUT
VH = VCM +1.8V, VL = = VCM –1.8V
Output Voltage Range
RL ≥ 500Ω
VCM ±1.6 VCM ±1.4 VCM ±1.4 VCM ±1.3
V
min
A
Current Output, Sourcing
VO = 2.5V
70
60
55
50
mA
min
A
Sinking
VO = 2.5V
–60
–50
–45
–40
mA
min
A
Closed-Loop Output Impedance
G = +1, RF = 25Ω, f < 100kHz
0.2
———
Ω
typ
C
POWER SUPPLY
Single Supply Operation
Operating Voltage, Specified
+5
———
V
typ
C
Maximum
—
+12
+12
+12
V
max
A
Quiescent Current, Maximum
13
15
15
16
mA
max
A
Minimum
13
11
10
9
mA
min
A
Power Supply Rejection Ratio
VS = 4.5V to 5.5V
+PSR (Input Referred)
60
———
dB
typ
C
SPECIFICATIONS: VS = +5V
G = +2, RL = 500Ω tied to VCM = 2.5V, RF = 402Ω, VL = VCM –1.2V, VH = VCM +1.2V (Figure 2 for AC performance only), unless otherwise noted.
OPA688U
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNITS
MAX LEVEL(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com