Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-18-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Floppy Disk Interface
Signal Name
Pin #
I/O
Signal Description
DRVDEN0
L17
OD
Drive Density Select 0.
DRVDEN1
K17
OD
Drive Density Select 1.
MTR0#
K18
OD
Motor Control 0. Select motor on drive 0.
MTR1#
J16
OD
Motor Control 1. Select motor on drive 1
DS0#
J17
OD
Drive Select 0. Select drive 0.
DS1#
K19
OD
Drive Select 1. Select drive 1
DIR#
K20
OD
Direction. Direction of head movement (0 = inward motion, 1 = outward motion)
STEP#
J18
OD
Step. Low pulse for each track-to-track movement of the head.
INDEX#
L20
I
Index. Sense to detect that the head is positioned over the beginning of a track
HDSEL#
H19
OD
Head Select. Selects the side for R/W operations (0 = side 1, 1 = side 0)
TRK00#
H16
I
Track 0. Sense to detect that the head is positioned over track 0.
RDATA#
H20
I
Read Data. Raw serial bit stream from the drive for read operatrions.
WDATA#
J19
OD
Write Data. Encoded data to the drive for write operations.
WGATE#
J20
OD
Write Gate. Signal to the drive to enable current flow in the write head.
DSKCHG#
H18
I
Disk Change.
Sense that the drive door is open or the diskette has been changed
since the last drive selection.
WRTPRT#
H17
I
Write Protect. Sense for detection that the diskette is write protected (causes write
commands to be ignored)
See also Parallel Port pin descriptions for optional Floppy Disk interface functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com