Electronic Components Datasheet Search
  English  ▼

X  

VT8231 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-25-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
General Purpose I/Os
Signal Name
Pin #
I/O
Signal Description
GPIOA / GPI24 / GPO24
V2
IO / I / O
General Purpose I/O A / 24 (Rx76[0] = 0). GPOWE# if Rx76[0]
= 1. See also Rx74[2]
GPIOB
General Purpose I/O B
GPIOC / GPI25 / GPO25 / ATEST
J2
IO / I / O / O
General Purpose I/O C / 25. (Rx76[2] = 0). See also Rx74[4]
GPIOD / GPI30 / GPO30 / DTEST
/ SCIOUT#
Y1
IO / I / O / O
O
General Purpose I/O D / 30. (Rx76[3] = 0). See also Rx74[5]
GPIOE / GPI31 / GPO31
W3
IO
General Purpose I/O E / 31.
Hardware Monitoring
Signal Name
Pin #
I/O
Signal Description
UIC1
M1
Analog I
Universal Input Channel. For temperature / voltage monitoring.
UIC2
M3
Analog I
Universal Input Channel. For temperature / voltage monitoring.
UIC3
M2
Analog I
Universal Input Channel. For temperature / voltage monitoring.
UIC4
L4
Analog I
Universal Input Channel. For temperature / voltage monitoring.
UIC5
L1
Analog I
Universal Input Channel. For temperature / voltage monitoring.
DTD+
L2
Analog I
CPU DTD (Thermal Diode) Channel Plus.
DTD-
L3
Analog I
CPU DTD (Thermal Diode)Channel Minus.
VREF
K1
P
Voltage Reference for Thermal Sensing (5V
±5%)
FAN1
K2
I
Fan Speed Monitor 1. (3.3V only)
FAN2 / SLPBTN# / GPI18 / GPO18
K3
I / I / I / O
Fan Speed Monitor 2. (3.3V only)
DTEST / GPIOD (30) / SCIOUT#
Y1
O
Hardware Monitor Digital Test Out
ATEST / GPIOC (25)
J2
O
Hardware Monitor Analog Test Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com